Electronic Components Datasheet Search
  English  ▼

X  

AD9154-EBZ Datasheet(PDF) 91 Page - Analog Devices

Part # AD9154-EBZ
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 87Page - Analog Devices AD9154-EBZ Datasheet HTML 88Page - Analog Devices AD9154-EBZ Datasheet HTML 89Page - Analog Devices AD9154-EBZ Datasheet HTML 90Page - Analog Devices AD9154-EBZ Datasheet HTML 91Page - Analog Devices AD9154-EBZ Datasheet HTML 92Page - Analog Devices AD9154-EBZ Datasheet HTML 93Page - Analog Devices AD9154-EBZ Datasheet HTML 94Page - Analog Devices AD9154-EBZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 124 page
background image
Data Sheet
AD9154
Rev. B | Page 91 of 124
REGISTER DETAILS
Table 93. AD9154 Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x000
SPI_INTFCONFA 7
SOFTRESET_M
Soft Reset (Mirror).
0x0
R
6
LSBFIRST_M
LSB First (Mirror).
0x0
R
5
ADDRINC_M
Address Increment (Mirror).
0x0
R
4
SDOACTIVE_M
SDO Active (Mirror).
0x0
R
3
SDOACTIVE
SDO Active.
0x0
R/W
2
ADDRINC
Address Increment. When set, causes incrementing
streaming addresses; otherwise, descending
addresses are generated.
0x0
R/W
1 Streaming addresses are incremented.
0 Streaming addresses are decremented.
1
LSBFIRST
LSB First. When set, causes input and output data to
be oriented LSB first. If this bit is clear, data is
oriented MSB first.
0x0
R/W
1 Shift LSB in first.
0 Shift MSB in first.
0
SOFTRESET
Soft Reset. Setting this bit initiates a reset. This bit is
autoclearing after the soft reset is complete.
0x0
R/W
1 Pulse the soft reset line.
0 Release soft reset.
0x003
SPI_CHIPTYPE
[7:0]
CHIPTYPE
High Speed DAC.
0x4
R
0x004
SPI_PRODIDL
[7:0]
PRODIDL
Product ID Low.
0x54
R
0x005
SPI_PRODIDH
[7:0]
PRODIDH
Product ID High.
0x91
R
0x006
SPI_CHIP-
GRADE
[7:4]
PROD_GRADE
Product Grade.
0x8
R
[3:0]
DEV_REVISION
Device Revision.
0x9
R
0x008
DUAL_PAGE
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
PAGEINDX
Page or Index Pointer.
0x3
R/W
1 Select Link A.
2 Select Link B.
3 Select Link A and Link B.
0x011
PWRCNTRL0
7
PD_BG
Reference Power-Down.
0x1
R/W
0 Reference on.
1 Reference powered down. Overrides TXENx masked bit.
6
PDDAC0
PD I Channel DAC 0.
0x1
R/W
0 Enable DAC0 I channel Dual0.
1 Power down DAC0 I channel Dual0. Overrides TXENx
masked bit.
5
PDDAC1
PD Q Channel DAC 1.
0x1
R/W
0 Enable Q channel DAC of Dual A.
1 Power Down Q channel DAC of Dual A. Overrides
TXENx masked bit.
4
PDDAC2
PD I Channel DAC 2.
0x1
R/W
0 Enable I channel DAC of Dual B.
1
Power Down I channel DAC of Dual B. Overrides
TXENx masked bit.
3
PDDAC3
PD Q Channel DAC 3.
0x1
R/W
0 Enable Q channel DAC of Dual B.
1 Powers down Q channel DAC of Dual B. Overrides
TXENx masked bit.
[2:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com