Electronic Components Datasheet Search
  English  ▼

X  

ADS1262 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADS1262
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADS1262 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
Reference Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-300
-200
-100
0
100
200
300
400
D054
20 SPS, Gain = 1
20 SPS, Gain = 32
400 SPS, Gain = 1
7200 SPS, Gain = 1
38400 SPS, Gain = 1
Temperature (GC)
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
D030
PGA Bypass
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Input Referred Offset Voltage Drift (nV/GC)
0
10
20
30
40
50
60
70
80
D064
Gain = 1
Gain = 32
Input Referred Offset Voltage Drift (nV/GC)
0
10
20
30
40
50
60
70
80
90
100
D072
Gain = 1
Gain = 32
Temperature (GC)
-50
-25
0
25
50
75
100
125
-4
-3
-2
-1
0
1
2
3
4
D028
PGA Bypass
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
Temperature (GC)
-50
-25
0
25
50
75
100
125
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D029
PGA Bypass
Gain = 1
Gain = 2
Gain = 4
Gain = 8
Gain = 16
Gain = 32
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
7.8 Typical Characteristics
at TA = 25°C, VAVDD = 5 V, VAVSS = 0 V, VDVDD = 3.3 V, VREF = 2.5 V, and fCLK = 7.3728 MHz (unless otherwise noted); typical
ADC1 characteristics at data rate = 20 SPS and gain = 1; typical ADC2 characteristics at data rate = 10 SPS and gain = 1
After offset calibration, shorted inputs
Chop mode on, after offset calibration, shorted inputs
Figure 4. ADC1 Offset Voltage vs Temperature
Figure 5. ADC1 Offset Voltage vs Temperature
Shorted inputs, 30 units
Chop mode on, shorted inputs, 30 units
Figure 6. ADC1 Offset Voltage vs Temperature Distribution
Figure 7. ADC1 Offset Voltage vs Temperature Distribution
Shorted inputs
After gain calibration
Figure 8. ADC1 Offset Voltage vs Reference Voltage
Figure 9. ADC1 Gain Error vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com