Electronic Components Datasheet Search
  English  ▼

X  

ADS1262 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADS1262
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADS1262 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
ADS1262, ADS1263
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
www.ti.com
7.5 Electrical Characteristics
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at VAVDD = 5 V, VAVSS = 0 V, VDVDD = 3.3 V, VREF = 2.5 V, fCLK = 7.3728 MHz, ADC1 data rate = 20 SPS
with PGA enabled and gain = 1, and ADC2 data rate = 10 SPS with gain = 1 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC1 ANALOG INPUTS
Gain = 32
2
nA
Absolute input current
PGA bypassed
150
nA
Gain = 32
0.1
nA
Differential input current
PGA bypassed, VIN = 5 V
150
nA
PGA enabled
1
G
Ω
Differential input impedance
PGA bypassed
40
M
Ω
Channel-to-channel crosstalk
DC, VAVSS ≤ VINX ≤ VAVDD
0.5
µV/V
ADC1 PERFORMANCE
PGA gain
1, 2, 4, 8, 16, 32
V/V
Resolution
32
Bits
DR
Data rate
2.5
38400
SPS
Noise performance
See Table 1
INL
Integral nonlinearity
Gain = 1 to 32, PGA bypassed
3
12
ppm
Chop mode off
350 / Gain
800 / Gain
µV
TA = 25°C
VOS
Offset voltage
Chop mode on
±0.1 / Gain
±0.5 / Gain
µV
After calibration(1)
Noise / 4
Chop mode off
30 / Gain + 10
100 / Gain + 50
nV/°C
Offset voltage drift
Chop mode on
1
5
nV/°C
TA = 25°C, gain = 1 to 32
±50
±300
ppm
GE
Gain error
After calibration(1)
Noise / 4
Gain drift
Gain = 1 to 32, and PGA bypassed
0.5
4
ppm/°C
NMRR
Normal-mode rejection ratio(2)
See Table 11
fIN = 60 Hz, data rate = 20 SPS
130
dB
CMRR
Common-mode rejection ratio(3)
fIN = 60 Hz, data rate = 400 SPS
100
120
dB
AVDD and AVSS
80
90
dB
PSRR
Power-supply rejection ratio(4)
DVDD
80
120
dB
ADC2 ANALOG INPUTS (ADS1263)
Absolute input current
Gain = 16
2
nA
Differential input current
Gain = 16
0.5
nA
ADC2 PERFORMANCE (ADS1263)
Gain
1, 2, 4, 8, 16, 32, 64, 128
V/V
Resolution
24
Bits
DR
Data rate
10, 100, 400, 800
SPS
Noise performance
See Table 3
Gain = 1 to 64
4
20
ppm
INL
Integral nonlinearity
Gain = 128
7
30
ppm
VOS
Offset voltage
TA = 25°C, gain = 1 to 128
±150
±500
µV
Offset voltage drift
Gain = 1 to 128
30
200
nV/°C
GE
Gain error
TA = 25°C, gain = 1 to 128
±500
±3000
ppm
Gain drift
Gain = 1 to 128
1
5
ppm/°C
NMRR
Normal-mode rejection ratio
See Table 15
fIN = 60 Hz, DR = 10 SPS
110
dB
CMRR
Common-mode rejection ratio
fIN = 60 Hz, DR = 400 SPS, gain = 8
75
90
dB
PSRR
Power-supply rejection ratio
AVDD and AVSS
75
90
dB
(1)
Offset and gain calibration accuracy on the order of ADC conversion noise/4. Conversion noise depends on data rate and PGA gain.
(2)
Normal-mode rejection ratio depends on the digital filter setting.
(3)
Common-mode rejection ratio is specified at date rate 20 SPS and 400 SPS.
(4)
Power-supply rejection ratio is specified at dc.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com