Electronic Components Datasheet Search
  English  ▼

X  

ADS1262 Datasheet(PDF) 45 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADS1262
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Datasheet(HTML) 45 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADS1262 Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 44Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 45Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 46Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 47Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 48Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 49Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 134 page
background image
1
st Stage
Sinc
5 Filter
Decimation A
(24, 48, 64)
2
nd Stage
Sinc
N Filter
Decimation B
(2...5760)
38400 SPS
19200 SPS
14400 SPS
921.6 kHz
2.5 SPS...7200 SPS
fCLK: 7.3728 MHz
fCLK/8
fMOD: 921.6 kHz
Modulator
FIR
14400 SPS
20 SPS
Averager
Average
(2,4,8)
Decimation
(30)
Filter Output
FIR Filter Section
600 SPS
10 SPS
5 SPS
2.5 SPS
FILTER[2:0] bits 7:5 of MODE1
(register address = 04h)
DR[3:0] bits 3:0 of MODE2
(register address = 05h)
000 = sinc1
001 = sinc2
010 = sinc3
011 = sinc4
100 = FIR
0000 = 2.5 SPS
0001 = 5 SPS
0010 = 10 SPS
0011 = 16.6 SPS
0100 = 20 SPS
0101 = 50 SPS
0110 = 60 SPS
0111 = 100 SPS
1000 = 400 SPS
1001 = 1200 SPS
1010 = 2400 SPS
1011 = 4800 SPS
1100 = 7200 SPS
1101 = 14400 SPS
1110 = 19200 SPS
1111 = 38400 SPS
ADS1262, ADS1263
www.ti.com
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
9.3.9 ADC1 Modulator
The ADC1 modulator is an inherently stable, fourth-order, 2 + 2 pipelined
ΔΣ modulator. The modulator samples
the analog input voltage at a high sample rate (fMOD = fCLK / 8 = 921.6 kHz) and converts the analog input to a
ones density bit stream. The digital filter receives the ones density bit stream output, and then filters and
decimates the data to yield the final conversion result.
9.3.10 Digital Filter
The digital filter of ADC1 receives the modulator output data and produces a high-resolution conversion result.
The digital filter low-pass filters and decimates the modulator data (rate reduction), yielding the final data output.
By adjusting the type of filtering, tradeoffs are made between resolution, data rate, line cycle rejection, and
conversion latency.
The digital filter has two selectable modes: sin (x) / x (sinc) mode and finite impulse response (FIR) mode (see
Figure 80). The sinc mode provides data rates of 2.5 SPS though 38400 SPS with selectable sinc orders of 1
through 5. The FIR filter provides simultaneous rejection of 50-Hz and 60-Hz power-line frequencies with data
rates 2.5 SPS through 20 SPS with single-cycle settled conversions.
Figure 80. Digital Filter Block Diagram
9.3.10.1 Sinc Filter Mode
The sinc filter consists of two stages: a variable-decimation, fixed-order sinc5 filter, followed by a variable-
decimation, variable-order sinc filter. The first-stage filter is sinc5. The sinc5 stage filters and down-samples the
modulator data (fCLK / 8 = 921.6 kHz) to 38400 SPS, 19200 SPS, and 14400 SPS by decimating to 24, 48, and
64, respectively. These data rates bypass the second filter stage and as a result have a sinc5 frequency
response profile. The second filter stage receives the data from the first stage at 14400 SPS. The second stage
reduces the data rate to produce output data of 7200 SPS to 2.5 SPS. The second stage is a variable-order sinc
filter that is programmable.
The combined decimation ratio of the first and second stages determine the output data rate as follows: data rate
= 921.6 kHz / (A · B). The filter order of the second stage affects the 50-Hz and 60-Hz rejection together with
conversion latency. The high-order sinc filter yields the widest 50-Hz and 60-Hz response null widths, but
correspondingly increases the conversion latency. The sinc order is programmed by the FILTER[2:0] bits of
register MODE1. Table 8 lists the decimation ratio corresponding to the first and second filter stages (A and B,
respectively) for each data rate. The data rate is programmed by the DR[3:0] bits of register MODE2.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: ADS1262 ADS1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com