Electronic Components Datasheet Search
  English  ▼

X  

ADS1262 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADS1262
Description  ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADS1262 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  ADS1262 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADS1262 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
Time (s)
0
1
2
3
4
5
6
7
8
9
10
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D017
Input Range = H78 mV
Data Rate = 20 SPS
Noise = 0.16 2VP-P
32-Bit
ûADC
PGA
Input
Mux
Digital
Filter
Serial
Interface
and
Control
CS
DOUT/DRDY
SCLK
DRDY
START
Clock
Mux
XTAL2
XTAL1/CLKIN
REFOUT
Ref
Alarm
Signal
Alarm
Buf
AIN0
AIN1
AIN2
AINCOM
GPIO
Level Shift
Temp Sensor
ADS1262
ADS1263
+5 V
DVDD
DGND
Ref
Mux
2.5-V Ref
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
PGA
ADS1263 Only
Digital
Filter
Dual Sensor
Excitation
Test V
Internal
Oscillator
24-Bit
ûADC
RESET/PWDN
DIN
AVSS
AVDD
+Exc
±Exc
±Sig
+Sig
±Sen
+Sen
Sensor Test
PGA
Pt 100
Bridge
+3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS1262, ADS1263
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
with Programmable Gain Amplifier (PGA) and Voltage Reference
1 Features
3 Description
The ADS1262 and ADS1263 are low-noise, low-drift,
1
•
Precision, 32-bit,
ΔΣ ADC
38.4-kSPS, delta-sigma (
ΔΣ) ADCs with an integrated
•
Auxiliary 24-Bit,
ΔΣ ADC (ADS1263)
PGA, reference, and internal fault monitors. The
•
Data Rates: 2.5 SPS to 38400 SPS
ADS1263 integrates an auxiliary, 24-bit,
ΔΣ ADC
intended for background measurements. The sensor-
•
Differential Input, CMOS PGA
ready ADCs provide complete, high-accuracy, one-
•
11 Multifunction Analog Inputs
chip measurement solutions for the most-demanding
•
High-Accuracy Architecture
sensor applications, including weigh scales, strain-
gauge
sensors,
thermocouples,
and
resistance
–
Offset Drift: 1 nV/°C
temperature devices (RTD).
–
Gain Drift: 0.5 ppm/°C
The ADCs are comprised of a low-noise, CMOS PGA
–
Noise: 7 nVRMS (2.5 SPS, Gain = 32)
(gains 1 to 32), a
ΔΣ modulator, followed by a
–
Linearity: 3 ppm
programmable digital filter. The flexible analog front-
•
2.5-V Internal Voltage Reference
end (AFE) incorporates two sensor-excitation current
sources suitable for direct RTD measurement.
–
Temperature Drift: 2 ppm/°C
•
50-Hz and 60-Hz Rejection
A single-cycle settling digital filter maximizes multiple-
input conversion throughput, while providing 130-dB
•
Single-Cycle Settled Conversions
rejection of 50-Hz and 60-Hz line cycle interference.
•
Dual Sensor Excitation Current Sources
The ADS1262 and ADS1263 are pin and functional
•
Internal Fault Monitors
compatible. These devices are available in a 28-pin
•
Internal ADC Test Signal
TSSOP package and are fully specified over the
•
8 General-Purpose Input/Outputs
–40°C to +125°C temperature range.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
High-Resolution PLCs
ADS1262
•
Temperature, Pressure Measurement
TSSOP (28)
9.70 mm × 4.40 mm
ADS1263
•
Weigh Scales and Strain-Gauge Digitizers
(1) For all available packages, see the package option addendum
•
Panel Meters, Chart Recorders
at the end of the data sheet.
•
Analytical Instrumentation
Temperature Compensated Bridge Measurement
ADC Conversion Noise
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS1262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262 TI2-ADS1262 Datasheet
3Mb / 133P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
REVISED MAY 2021
ADS1262IPW TI1-ADS1262IPW Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262IPW TI2-ADS1262IPW Datasheet
3Mb / 133P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
REVISED MAY 2021
ADS1262IPW.A TI2-ADS1262IPW.A Datasheet
3Mb / 133P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference
REVISED MAY 2021
More results

Similar Description - ADS1262

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com