Electronic Components Datasheet Search
  English  ▼

X  

BGA430 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA430 Datasheet HTML 1Page - Infineon Technologies AG BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN 074 Rev E
5 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
BGB540 stage alone, a zero-ohm “jumper”
needs to be used in place of R2. The total PCB
area consumed for the entire BGA430 +
BGB540 I.F. Amplifier is approximately 0.585 x
0.180 inch / 14.9 x 4.6 mm, or approximately 70
mm2.
The total component count, including
both Silicon MMICs, is 16.
Note that PCB area
and component count may be reduced markedly
if the end user is able to satisfy his or her I.F.
amplifier requirements by using the BGA430 as
a stand-alone part. The next section describes
the BGA430 as a stand-alone I.F. amplifier.
Figure 4. Top View of I.F. Amp PC Board.
Figure 5. Bottom View of I.F. Amp PC Board
Figure 6. Close-In Shot of PCB. BGA430 on
left, BGB540 on Right.
Figure 7.
Cross-Section Diagram of I.F.
Amplifier Printed Circuit Board.
BOTTOM LAYER
0.010 inch / 0.254 mm
0.031 inch / 0.787 mm ?
PCB CROSS SECTION
TOP LAYER
INTERNAL GROUND PLANE
LAYER FOR MECHANICAL RIGIDITY OF PCB, THICKNESS HERE NOT
CRITICAL AS LONG AS TOTAL PCB THICKNESS DOES NOT EXCEED
0.045 INCH / 1.14 mm (SPECIFICATION FOR TOTAL PCB THICKNESS:
0.040 + 0.005 / - 0.005 INCH;
1.016 + 0.127 mm / - 0.127 mm )
THIS SPACING CRITICAL !
5. Using the BGA430 as a Stand-Alone I.F.
Amplifier Block
Provided that BGA430 gain magnitude, gain
curve and output power are adequate for the
user’s LNB system requirements, BGA430 may
be used as a very low-parts-count, low-cost
stand-alone LNB I.F. amplifier over the 950 –
2150 MHz range. Note that only 3 external
elements are typically required with BGA430:
1) an input DC blocking capacitor 2) an output
DC blocking capacitor 3) an RF bypass / RF
decoupling capacitor on the VCC pin (Pin 1).
Table 2 on page 8 summarizes the BGA430’s
typical performance and Figures 11 – 15 give
network analyzer screen shots of input / output
match, gain, and
(continued on page 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com