Electronic Components Datasheet Search
  English  ▼

X  

BGA430 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 2Page - Infineon Technologies AG BGA430 Datasheet HTML 3Page - Infineon Technologies AG BGA430 Datasheet HTML 4Page - Infineon Technologies AG BGA430 Datasheet HTML 5Page - Infineon Technologies AG BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG BGA430 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AN 074 Rev E
6 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Figure 8. Schematic Diagram of Complete BGA430 + BGB540 LNB I.F. Amplifier
C1
22 pF
C3
22 pF
R2
18 ohms
R1
300 ohms
R3
300 ohms
C2
22 pF
IC1
MMIC
BGA430
B6HF
C4
1.5 pF
3 dB Pad
Purpose of Pad :
1) Gain Reduction (especially at lower end of band)
2) Provide good input termination for HPF
High Pass Filter
Butterworth
f
C (3 dB) = 1860 MHz
Purpose of HPF :
Adjust overall gain
slope of cascade
C5
22 pF
L2
4.7 nH
R5
43 ohms
C6
22 pF
+5.0 Volts
22.9 mA
17.0 mA
RF Input
950 - 2150 MHz
IC2
MMIC
BGB540
B6HFe
RF Output
(Total Current Draw = 39.9 mA)
Notes:
1) Using C4 as both a DC block and as a Highpass Filter element enables the elimination of one capacitor
2) Bias current of Stage 2 (BGB540 MMIC) can be increased or decreased to vary overall output compression point
3) Stage 1 (BGA430) requires careful attention to proper grounding !
J1
J2
J3
L1
3.0 nH
R4
2K
(R Bias)
R6
30 ohms
1.55 mA
15.45 mA
Black Rectangles = Microstriplines on PCB
(PCB Track or Trace)
Figure 9. Bill Of Material (BOM) for Complete BGA430 + BGB540 LNB I.F. Amplifier
REFERENCE
DESIGNATOR
VALUE
MANUFACTURER
CASE SIZE
FUNCTION
C1, C3, C5
22 pF
VARIOUS
0402
DC BLOCK
C2, C6
22 pF
VARIOUS
0402
RF BYPASS
C4
1.5 pF
VARIOUS
0402
DC BLOCK & HIGH PASS FILTER
FUNCTION
L1
3.0 nH
MURATA LQP15M
0402
HIGH PASS FILTER FUNCTION
L2
4.7 nH
MURATA LQP15M
0402
“RF CHOKE” / DC FEED FOR BGB540,
INFLUENCES BGB540 OUTPUT MATCH
R1, R3
300 OHMS
VARIOUS
0402
FOR 3 dB ATTENUATOR PAD
R2
18 OHMS
VARIOUS
0402
FOR 3 dB ATTENUATOR PAD
R4
2K
VARIOUS
0402
RBIAS FOR IC2 (BGB540 MMIC) - SETS
DEVICE CURRENT)
R5
43 OHMS
VARIOUS
0402
RF STABILITY AND OUTPUT MATCH FOR
IC2 (BGB540)
R6
30 OHMS
VARIOUS
0402
DROP 5V SUPPLY TO ~ 4.5V. MAY BE
OMITTED IF MAXIUM RATINGS OF IC2
ARE NOT EXCEEDED.
IC1
-
INFINEON TECHNOLOGIES
SOT363
BGA430 Si MMIC, B6HF PROCESS
IC2
-
INFINEON TECHNOLOGIES
SOT343
BGB540 ACTIVE BIASED TRANSISTOR
MMIC, B6HFe PROCESS
J1, J2
-
JOHNSON 142-0701-841
-
RF INPUT / OUTPUT CONNECTOR
J3
-
AMP 5 PIN HEADER
MTA-100 SERIES
P/N 640456-5 OR
641215-5 (GOLD PLATING)
-
DC CONNECTOR
PINS 1, 2, 4, 5 = GROUND
PIN 3 = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com