Electronic Components Datasheet Search
  English  ▼

X  

BGA430 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 11Page - Infineon Technologies AG BGA430 Datasheet HTML 12Page - Infineon Technologies AG BGA430 Datasheet HTML 13Page - Infineon Technologies AG BGA430 Datasheet HTML 14Page - Infineon Technologies AG BGA430 Datasheet HTML 15Page - Infineon Technologies AG BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG BGA430 Datasheet HTML 18Page - Infineon Technologies AG BGA430 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AN 074 Rev E
15 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Figure 22. Gain of Complete Gain-Sloped BGA430 + BGB540 LNB I.F. Amplifier. Note positive
gain slope.
CH1
S 21
log MAG
2 dB/
REF 33 dB
START 900.000 000 MHz
STOP 2 200.000 000 MHz
Cor
Avg
8
Smo
Del
PRm
SCALE
2 dB/div
29 Jul 2002 22:58:08
1
2
3
2_: 37.311 dB
1 450.000 000 MHz
1_: 33.091 dB
950 MHz
3_: 37.271 dB
2.15 GHz
BGA430 MMIC
BGB540 MMIC
High Pass Filter
Complete LNB I.F. Amp
B
A
Gain Plot for Figure 22 is taken between points 'A' and 'B'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com