Electronic Components Datasheet Search
  English  ▼

X  

BGA430 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 13Page - Infineon Technologies AG BGA430 Datasheet HTML 14Page - Infineon Technologies AG BGA430 Datasheet HTML 15Page - Infineon Technologies AG BGA430 Datasheet HTML 16Page - Infineon Technologies AG BGA430 Datasheet HTML 17Page - Infineon Technologies AG BGA430 Datasheet HTML 18Page - Infineon Technologies AG BGA430 Datasheet HTML 19Page - Infineon Technologies AG BGA430 Datasheet HTML 20Page - Infineon Technologies AG BGA430 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN 074 Rev E
17 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
An advantage of either the stand-alone BGA430
or BGA430 + BGB540 I.F. Amp solution is the
exceptionally low noise figure provided.
The
complete amplifier with the gain-sloping high
pass filter has a noise figure of well under 3 dB.
A plot of measured noise figure for one complete
unit may be viewed in Appendix C on page 23.
Depending on the gain and noise figure
performance of the LNB’s Low Noise Amplifier
and Mixer sections, the excellent noise figure of
the I.F. amplifier presented here could provide
additional design margin for receiver sensitivity,
and possibly enable the use of lower cost
approaches for the LNA and mixer stages.
Conclusion
The BGA430 and BGB540 both provide a cost-
effective and flexible solution for today’s price-
sensitive Direct Broadcast Satellite LNB I.F.
Amplifier designs. A simple, low-cost approach
was shown for achieving a positive gain slope in
a 950 – 2150 MHz I.F. Amplifier. The BGA430
used as a stand-alone I.F. Amplifier requires
only 3 external components, and the complete,
gain-sloped I.F. Amplifier using both BGA430
and BGB540 with an interstage high pass filter
allows the LNB designer to compensate for
overall LNB gain roll-off in the Intermediate
Frequency
range,
where
gain
roll-off
compensation is easier and less costly to
achieve than at the 12 GHz RF input frequency
range.
Additional output power may be had
from the BGA430 by running it up to a maximum
of +6.5 volts. The exceptionally low noise figure
of the I.F. Amplifier presented – under 3 dB –
may help the LNB designer achieve additional
sensitivity margin for his or her product.
The
Applications
Board
shown
in
this
Applications Note is available from Infineon
Technologies.
References
[1]
Mass, Stephen A.
“Microwave Mixers”,
Second Edition. Artech House, 1993. (General
reference is on mixers, including the use of
FETs as active or resistive mixers).
[2] Mass, Stephen A. “The RF and Microwave
Design Cookbook”, First Edition, Artech House,
1998. ISBN 0890069735. Another reference on
mixers, including single-device FET mixers.
[3] Eagleware Corporation, 653 Pinnacle Court,
Norcross,
GA
30071
USA.
Tel:
+1.678.291.0995 http://www.eagleware.com
Eagleware software suite GENESYS Version 8
was used in all simulation, synthesis, and PC
board CAD file generation done for the circuit
described in this Applications Note.
Performance Plots of complete LNB I.F. Amplifier, and Appendixes A – C begin on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com