Electronic Components Datasheet Search
  English  ▼

X  

BGA430 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGA430
Description  A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA430 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGA430 Datasheet HTML 6Page - Infineon Technologies AG BGA430 Datasheet HTML 7Page - Infineon Technologies AG BGA430 Datasheet HTML 8Page - Infineon Technologies AG BGA430 Datasheet HTML 9Page - Infineon Technologies AG BGA430 Datasheet HTML 10Page - Infineon Technologies AG BGA430 Datasheet HTML 11Page - Infineon Technologies AG BGA430 Datasheet HTML 12Page - Infineon Technologies AG BGA430 Datasheet HTML 13Page - Infineon Technologies AG BGA430 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AN 074 Rev E
10 / 24
19-November-2002
Applications Note No. 074
Silicon Discretes
Figure 15. Stand-Alone BGA430 Amp, Output Return Loss, Smith Chart.
Reference Plane = PCB Output SMA Connector.
CH1
S 22
1 U FS
START 900.000 000 MHz
STOP 2 200.000 000 MHz
Cor
Avg
16
Smo
Del
PRm
31 Jul 2002 00:57:34
1
2
3
2_: 58.355
-37.225
2.9486 pF
1 450.000 000 MHz
1_: 38.189
14.771
950 MHz
3_: 25.271
-1.2881
2.15 GHz
6.
Why a Positive Gain Slope LNB I.F.
Amplifier?
The question arises: why would one want an
I.F. amplifier with a positive gain slope? The
reader is referred to Figures 16 – 20 on pages
11 – 13. Two points are worth noting:
I.
The return loss of this 75 ohm cable
appears to be quite reasonable in a
50 ohm measurement system (partly
due to the cable’s insertion loss
characteristic)
II.
The insertion loss of the 15.2 meter
length
of
cable
increases
with
increasing frequency. (Figures 18 &
20.)
A 15 meter length of coaxial cable has a
negative gain slope of approximately 2 dB
across the 950 – 2150 MHz range.
An
additional 15 meter section of lower-cost coax
cable (RG-6) was attached via a “barrel”
connector to the first section, making a 30.4
meter cable run, which was then also tested.
For a 30.4 meter / 100 foot length of cable, there
is a delta of approximately 4 dB in insertion loss
as we move from 950 to 2150 MHz.
If an LNB I.F. Amplifier were made with a
positive gain slope, the net gain across the
I.F. bandwidth could be ‘flattened out’
somewhat, and the range of input power that
the set-top box demodulators need to work
over could be reduced.
Furthermore, this
description of coaxial cable negative gain
slope only considers gain decrease with
increasing frequency or “gain roll-off” in the
cable itself. In all likelihood, the LNB’s 12
GHz LNA block and mixer stage will have a
gain roll-off of their own, further worsening
the overall net negative gain slope of the
entire LNB and coax cable assembly taken
together.
Table 3 on page 13 summarizes coaxial cable
insertion loss and return loss for both 15.2 meter
and 30.4 meter cable runs. The next section
describes the complete BGA430 + BGB540 LNB
I.F. Amp with positive gain slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com