Electronic Components Datasheet Search
  English  ▼

X  

CAP1126 Datasheet(PDF) 27 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 27 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 23Page - Microchip Technology CAP1126 Datasheet HTML 24Page - Microchip Technology CAP1126 Datasheet HTML 25Page - Microchip Technology CAP1126 Datasheet HTML 26Page - Microchip Technology CAP1126 Datasheet HTML 27Page - Microchip Technology CAP1126 Datasheet HTML 28Page - Microchip Technology CAP1126 Datasheet HTML 29Page - Microchip Technology CAP1126 Datasheet HTML 30Page - Microchip Technology CAP1126 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 27
CAP1126
FIGURE 5-2:
Sensor Interrupt Behavior - Repeat Rate Enabled
FIGURE 5-3:
Sensor Interrupt Behavior - No Repeat Rate Enabled
Touch Detected
INT bit
Button Status
Write to INT bit
Polling Cycle
(35ms)
Min Press Setting
(280ms)
Interrupt on
Touch
Button Repeat Rate
(175ms)
Button Repeat Rate
(175ms)
Interrupt on
Release
(optional)
ALERT# pin
(active low)
Touch Detected
INT bit
Button Status
Write to INT bit
Polling Cycle
(35ms)
Interrupt on
Touch
Interrupt on
Release
(optional)
ALERT# pin
(active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com