Electronic Components Datasheet Search
  English  ▼

X  

CAP1126 Datasheet(PDF) 51 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 51 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 47Page - Microchip Technology CAP1126 Datasheet HTML 48Page - Microchip Technology CAP1126 Datasheet HTML 49Page - Microchip Technology CAP1126 Datasheet HTML 50Page - Microchip Technology CAP1126 Datasheet HTML 51Page - Microchip Technology CAP1126 Datasheet HTML 52Page - Microchip Technology CAP1126 Datasheet HTML 53Page - Microchip Technology CAP1126 Datasheet HTML 54Page - Microchip Technology CAP1126 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
 2015 Microchip Technology Inc.
DS00001623B-page 51
CAP1126
6.29
Linked LED Transition Control Register
The Linked LED Transition Control register controls the LED drive when the LED is linked to a capacitive touch sensor
input. These controls work in conjunction with the INV_LINK_TRAN bit (see Section 6.6.2, "Configuration 2 - 44h") to
create smooth transitions from host control to linked LEDs.
Bit 1 - LED2_LTRAN - Determines the transition effect when LED2 is linked to CS2.
• ‘0’ (default) - When the LED output control bit for LED2 is ‘1’, and then LED2 is linked to CS2 and no touch is
detected, the LED will change states.
• ‘1’ - If the INV_LINK_TRAN bit is ‘1’, when the LED output control bit for CS2 is ‘1’, and then CS2 is linked to LED2
and no touch is detected, the LED will not change states. In addition, the LED state will change when the sensor
pad is touched. If the INV_LINK_TRAN bit is ‘0’, when the LED output control bit for CS2 is ‘1’, and then CS2 is
linked to LED2 and no touch is detected, the LED will not change states. However, the LED state will not change
when the sensor pad is touched.
APPLICATION NOTE: If the LED behavior is not “Direct” and the INV_LINK_TRAN bit it ‘0’, the LED will not perform
as expected when the LED2_LTRAN bit is set to ‘1’. Therefore, if breathe and pulse
behaviors are used, set the INV_LINK_TRAN bit to ‘1’.
Bit 0 - LED1_LTRAN - Determines the transition effect when LED1 is linked to CS1.
6.30
LED Mirror Control Register
The LED Mirror Control Registers determine the meaning of duty cycle settings when polarity is non-inverted for each
LED channel. When the polarity bit is set to ‘1’ (non-inverted), to obtain correct steps for LED ramping, pulse, and
breathe behaviors, the min and max duty cycles need to be relative to 100%, rather than the default, which is relative
to 0%.
APPLICATION NOTE: The LED drive assumes that the LEDs are configured such that if the LED pin is driven to
a logic ‘0’, the LED will be on and the CAP1126 LED pin is sinking the LED current. When
the polarity bit is set to ‘1’, it is considered non-inverted. For systems using the opposite LED
configuration, mirror controls would apply when the polarity bit is ‘0’.
These bits are changed automatically if the corresponding LED Polarity bit is changed (unless the BLK_POL_MIR bit is
set - see Section 6.6).
Bit 1 - LED2_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100% duty cycle.
• ‘0’ (default) - The duty cycle settings are determined relative to 0% and are determined directly with the settings.
• ‘1’ - The duty cycle settings are determined relative to 100%.
Bit 0 - LED1_MIR_EN - Determines whether the duty cycle settings are “biased” relative to 0% or 100% duty cycle.
6.31
LED Behavior Register
TABLE 6-49:
LINKED LED TRANSITION CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
77h
R/W
Linked LED Tran-
sition Control
-
-
--
--
LED2_
LTRAN
LED1_
LTRAN
00h
TABLE 6-50:
LED MIRROR CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
79h
R/W
LED Mirror Con-
trol
--
-
-
-
-
LED2_
MIR _
EN
LED1_
MIR _
EN
00h
TABLE 6-51:
LED BEHAVIOR REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
81h
R/W
LED Behavior 1
-
-
-
-
LED2_CTL[1:0]
LED1_CTL[1:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com