Electronic Components Datasheet Search
  English  ▼

X  

CAP1126 Datasheet(PDF) 50 Page - Microchip Technology

Part # CAP1126
Description  6 Channel Capacitive Touch Sensor with 2 LED Drivers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1126 Datasheet(HTML) 50 Page - Microchip Technology

Back Button CAP1126 Datasheet HTML 46Page - Microchip Technology CAP1126 Datasheet HTML 47Page - Microchip Technology CAP1126 Datasheet HTML 48Page - Microchip Technology CAP1126 Datasheet HTML 49Page - Microchip Technology CAP1126 Datasheet HTML 50Page - Microchip Technology CAP1126 Datasheet HTML 51Page - Microchip Technology CAP1126 Datasheet HTML 52Page - Microchip Technology CAP1126 Datasheet HTML 53Page - Microchip Technology CAP1126 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
CAP1126
DS00001623B-page 50
 2015 Microchip Technology Inc.
6.28
LED Output Control Register
The LED Output Control Register controls the output state of the LED pins that are not linked to sensor inputs.
The LED Polarity Control Register will determine the non actuated state of the LED pins. The actuated LED behavior is
determined by the LED behavior controls (see Section 6.31, "LED Behavior Register").
Table 6-48 shows the interaction between the polarity controls, output controls, and relative brightness.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
• ‘0’ (default) - The LED2 output is driven at the minimum duty cycle or not actuated.
• ‘1’ - The LED2 output is High Z or driven at the maximum duty cycle or actuated.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
TABLE 6-47:
LED OUTPUT CONTROL REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
74h
R/W
LED Output
Control
-
-
---
-
LED2_
DR
LED1_
DR
00h
Note:
If an LED is linked to a sensor input in the Sensor Input LED Linking Register (Section 6.26, "Sensor Input
LED Linking Register"), the corresponding bit in the LED Output Control Register is ignored (i.e. a linked
LED cannot be host controlled).
TABLE 6-48:
LED POLARITY BEHAVIOR
LED Output
Control
Register or
Touch
Polarity
Max Duty
Min Duty
Brightness
LED Appearance
0
inverted (‘0’)
not used
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
min duty cycle
on at min duty
cycle
1
inverted (‘0’)
maximum % of time
that the LED is on
(logic 0)
minimum % of time
that the LED is on
(logic 0)
maximum brightness at
max duty cycle. Bright-
ness ramps from min
duty cycle to max duty
cycle
according to LED
behavior
0
non-inverted
(‘1’)
not used
minimum % of time
that the LED is off
(logic 1)
maximum brightness at
100 minus min duty
cycle.
on at 100 - min
duty cycle
1
non-inverted
(‘1’)
maximum % of time
that the LED is off
(logic 1)
minimum % of time
that the LED is off
(logic 1)
For Direct behavior,
maximum brightness is
100 minus max duty
cycle. When breath-
ing, max brightness is
100 minus min duty
cycle. Brightness
ramps from 100 - min
duty cycle to 100 - max
duty cycle.
according to LED
behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com