Electronic Components Datasheet Search
  English  ▼

X  

CAP1133 Datasheet(PDF) 27 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 27 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 23Page - Microchip Technology CAP1133 Datasheet HTML 24Page - Microchip Technology CAP1133 Datasheet HTML 25Page - Microchip Technology CAP1133 Datasheet HTML 26Page - Microchip Technology CAP1133 Datasheet HTML 27Page - Microchip Technology CAP1133 Datasheet HTML 28Page - Microchip Technology CAP1133 Datasheet HTML 29Page - Microchip Technology CAP1133 Datasheet HTML 30Page - Microchip Technology CAP1133 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 27
CAP1133
6.8
Sensor Input Configuration Register
The Sensor Input Configuration Register controls timings associated with the Capacitive sensor inputs 1 - 3.
Bits 7 - 4 - MAX_DUR[3:0] - (default 1010b) - Determines the maximum time that a sensor pad is allowed to be touched
until the capacitive touch sensor input is recalibrated, as shown in Table 6-13.
Bits 3 - 0 - RPT_RATE[3:0] - (default 0100b) Determines the time duration between interrupt assertions when auto
repeat is enabled. The resolution is 35ms the range is from 35ms to 560ms as shown in Table 6-14.
TABLE 6-12:
SENSOR INPUT CONFIGURATION REGISTER
ADDR
R/W
Register
B7
B6
B5B4B3B2B1B0
Default
22h
R/W
Sensor Input
Configuration
MAX_DUR[3:0]
RPT_RATE[3:0]
A4h
TABLE 6-13:
MAX_DUR BIT DECODE
MAX_DUR[3:0]
Time Before Recalibration
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms
0
1
1
0
2800ms
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms (default)
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms
TABLE 6-14:
RPT_RATE BIT DECODE
RPT_RATE[3:0]
Interrupt Repeat RATE
32
1
0
00
0
0
35ms
00
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
0
1
0
0
175ms (default)
0
1
0
1
210ms
0
1
1
0
245ms
0
1
1
1
280ms
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com