Electronic Components Datasheet Search
  English  ▼

X  

CAP1133 Datasheet(PDF) 10 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 10 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 6Page - Microchip Technology CAP1133 Datasheet HTML 7Page - Microchip Technology CAP1133 Datasheet HTML 8Page - Microchip Technology CAP1133 Datasheet HTML 9Page - Microchip Technology CAP1133 Datasheet HTML 10Page - Microchip Technology CAP1133 Datasheet HTML 11Page - Microchip Technology CAP1133 Datasheet HTML 12Page - Microchip Technology CAP1133 Datasheet HTML 13Page - Microchip Technology CAP1133 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
CAP1133
DS00001625B-page 10
 2015 Microchip Technology Inc.
4.0
COMMUNICATIONS
4.1
Communications
The CAP1133 communicates using the SMBus or I2C protocol.
The supports the following protocols: Send Byte, Receive Byte, Read Byte, Write Byte, Read Block, and Write Block.
In addition, the device supports I2C formatting for block read and block write protocols.
4.2
System Management Bus
The CAP1133 communicates with a host controller, such as an SIO, through the SMBus. The SMBus is a two-wire serial
communication protocol between a computer host and its peripheral devices. A detailed timing diagram is shown in
Figure 4-1. Stretching of the SMCLK signal is supported; however, the CAP1133 will not stretch the clock signal.
4.2.1
SMBUS START BIT
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic ‘0’ state while the
SMBus Clock line is in a logic ‘1’ state.
4.2.2
SMBUS ADDRESS AND RD / WR BIT
The SMBus Address Byte consists of the 7-bit slave address followed by the RD / WR indicator bit. If this RD / WR bit
is a logic ‘0’, then the SMBus Host is writing data to the slave device. If this RD / WR bit is a logic ‘1’, then the SMBus
Host is reading data from the slave device.
The CAP1133 responds to SMBus address 0101_000(r/w).
4.2.3
SMBUS DATA BYTES
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
4.2.4
SMBUS ACK AND NACK BITS
The SMBus slave will acknowledge all data bytes that it receives. This is done by the slave device pulling the SMBus
Data line low after the 8th bit of each byte that is transmitted. This applies to both the Write Byte and Block Write proto-
cols.
The Host will NACK (not acknowledge) the last data byte to be received from the slave by holding the SMBus data line
high after the 8th data bit has been sent. For the Block Read protocol, the Host will ACK each data byte that it receives
except the last data byte.
FIGURE 4-1:
SMBus Timing Diagram
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com