Electronic Components Datasheet Search
  English  ▼

X  

CAP1133 Datasheet(PDF) 5 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 5 Page - Microchip Technology

  CAP1133 Datasheet HTML 1Page - Microchip Technology CAP1133 Datasheet HTML 2Page - Microchip Technology CAP1133 Datasheet HTML 3Page - Microchip Technology CAP1133 Datasheet HTML 4Page - Microchip Technology CAP1133 Datasheet HTML 5Page - Microchip Technology CAP1133 Datasheet HTML 6Page - Microchip Technology CAP1133 Datasheet HTML 7Page - Microchip Technology CAP1133 Datasheet HTML 8Page - Microchip Technology CAP1133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 5
CAP1133
2.0
PIN DESCRIPTION
FIGURE 2-1:
CAP1133 Pin Diagram (10-Pin DFN)
TABLE 2-1:
PIN DESCRIPTION FOR CAP1133
Pin
Number
Pin Name
Pin Function
Pin Type
Unused
Connection
1ALERT#
Active low alert / interrupt output usable for SMBus alert
OD (5V)
Connect to
Ground
Active high alert / interrupt output usable for SMBus alert
DO
leave open
2
SMDATA
Bi-directional, open-drain SMBus data - requires pull-up
DIOD (5V)
n/a
3
SMCLK
SMBus clock input - requires pull-up resistor
DI (5V)
4
VDD
Positive Power supply
Power
n/a
5LED1
Open drain LED 1 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 1 driver
DO
leave open or
connect to Ground
6LED2
Open drain LED 2 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 2 driver
DO
leave open or
connect to Ground
7LED3
Open drain LED 3 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 3 driver
DO
leave open or
connect to Ground
GND
CS2
CS1
1
2
3
4
5
CS3
LED1
ALERT#
SMDATA
VDD
SMCLK
LED3
LED2
CAP1133
3mm x 3mm DFN
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com