Electronic Components Datasheet Search
  English  ▼

X  

CAP1133 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1133 Datasheet HTML 1Page - Microchip Technology CAP1133 Datasheet HTML 2Page - Microchip Technology CAP1133 Datasheet HTML 3Page - Microchip Technology CAP1133 Datasheet HTML 4Page - Microchip Technology CAP1133 Datasheet HTML 5Page - Microchip Technology CAP1133 Datasheet HTML 6Page - Microchip Technology CAP1133 Datasheet HTML 7Page - Microchip Technology CAP1133 Datasheet HTML 8Page - Microchip Technology CAP1133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 1
General Description
The CAP1133, which incorporates RightTouch® tech-
nology, is a multiple channel Capacitive Touch sensor
with multiple power LED drivers. It contains three (3)
individual capacitive touch sensor inputs with program-
mable sensitivity for use in touch sensor applications.
Each sensor input automatically recalibrates to com-
pensate for gradual environmental changes.
The CAP1133 also contains three (3) LED drivers that
offer full-on / off, variable rate blinking, dimness con-
trols, and breathing. Each of the LED drivers may be
linked to one of the sensor inputs to be actuated when
a touch is detected. As well, each LED driver may be
individually controlled via a host controller.
The CAP1133 includes Multiple Pattern Touch recogni-
tion that allows the user to select a specific set of but-
tons to be touched simultaneously. If this pattern is
detected, then a status bit is set and an interrupt gen-
erated.
Additionally, the CAP1133 includes circuitry and sup-
port for enhanced sensor proximity detection.
The CAP1133 offers multiple power states operating at
low quiescent currents. In the Standby state of opera-
tion, one or more capacitive touch sensor inputs are
active and all LEDs may be used.
Deep Sleep is the lowest power state available, draw-
ing 5uA (typical) of current. In this state, no sensor
inputs are active. Communications will wake the
device.
Applications
• Desktop and Notebook PCs
• LCD Monitors
• Consumer Electronics
• Appliances
Features
• Three (3) Capacitive Touch Sensor Inputs
- Programmable sensitivity
- Automatic recalibration
- Individual thresholds for each button
• Proximity Detection
• Multiple Button Pattern Detection
• Calibrates for Parasitic Capacitance
• Analog Filtering for System Noise Sources
• Press and Hold feature for Volume-like Applica-
tions
• SMBus / I2C Compliant Communication Interface
• Low Power Operation
- 5uA quiescent current in Deep Sleep
- 50uA quiescent current in Standby (1 sensor
input monitored)
- Samples one or more channels in Standby
• Three (3) LED Driver Outputs
- Open Drain or Push-Pull
- Programmable blink, breathe, and dimness
controls
- Can be linked to Capacitive Touch Sensor
inputs
• Available in 10-pin 3mm x 3mm RoHS compliant
DFN package
CAP1133
3 Channel Capacitive Touch Sensor with 3 LED Drivers


Similar Part No. - CAP1133

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1105-1-AIA-TR MICROCHIP-CAP1105-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1106-2-AIA-TR MICROCHIP-CAP1106-2-AIA-TR Datasheet
272Kb / 4P
5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
Multiple Channel Capacitive Touch Sensor and LED Driver
More results

Similar Description - CAP1133

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
CAP1126 MICROCHIP-CAP1126 Datasheet
736Kb / 73P
6 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1293 MICROCHIP-CAP1293 Datasheet
591Kb / 63P
3-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com