Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4449 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 35Page - Texas Instruments ADS4449 Datasheet HTML 36Page - Texas Instruments ADS4449 Datasheet HTML 37Page - Texas Instruments ADS4449 Datasheet HTML 38Page - Texas Instruments ADS4449 Datasheet HTML 39Page - Texas Instruments ADS4449 Datasheet HTML 40Page - Texas Instruments ADS4449 Datasheet HTML 41Page - Texas Instruments ADS4449 Datasheet HTML 42Page - Texas Instruments ADS4449 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADS4449
www.ti.com
SBAS603A – APRIL 2013 – REVISED JANUARY 2016
8.6.1.22 Register Address 70h (Default = 00h)
7
6
5
4
3
2
1
0
HIGH SNR
0
0
0
0
0
0
0
MODE CH B
Bits 7-6
Always write 0
Bit 5
HIGH SNR MODE CH B
See the Using High SNR Mode Register Settings section.
Bits 4-0
Always write 0
8.6.1.23 Register Address 71h (Default = 00h)
7
6
5
4
3
2
1
0
ALWAYS
0
0
0
0
0
0
0
WRITE 1
Bits 7
Always write 1
This bit is set to 0 by default. User must set it to 1 after reset or power-up.
Bits 6-0
Always write 0
8.6.1.24 Register Address 88h (Default = 00h)
7
6
5
4
3
2
1
0
HIGH SNR
0
0
0
0
0
0
0
MODE CH D
Bits 7-6
Always write 0
Bit 5
HIGH SNR MODE CH D
See the Using High SNR Mode Register Settings section.
Bits 4-0
Always write 0
8.6.1.25 Register Address 89h (Default = 00h)
7
6
5
4
3
2
1
0
ALWAYS
0
0
0
0
0
0
0
WRITE 1
Bits 7
Always write 1
This bit is set to 0 by default. User must set it to 1 after reset or power-up.
Bits 6-0
Always write 0
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com