Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4449 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 9Page - Texas Instruments ADS4449 Datasheet HTML 10Page - Texas Instruments ADS4449 Datasheet HTML 11Page - Texas Instruments ADS4449 Datasheet HTML 12Page - Texas Instruments ADS4449 Datasheet HTML 13Page - Texas Instruments ADS4449 Datasheet HTML 14Page - Texas Instruments ADS4449 Datasheet HTML 15Page - Texas Instruments ADS4449 Datasheet HTML 16Page - Texas Instruments ADS4449 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
70
73
76
79
82
85
88
91
93
40
80
120
160
200
240
280
320
360
400
Input Frequency (MHz)
G011
0
5
10
15
20
25
HD2 (dBc)
Temperature = −40°C
Temperature = 25°C
Temperature = 85°C
G039
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
G009
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
G010
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
G007
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
G008
ADS4449
www.ti.com
SBAS603A – APRIL 2013 – REVISED JANUARY 2016
Typical Characteristics (continued)
At 25°C, AVDD = 1.9 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, rated sampling frequency, 0-dB gain, sine-wave input clock,
1.5-VPP differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, DDR LVDS output interface, and
32k-point FFT, unless otherwise noted.
Each Tone at –7-dBFS Amplitude
Each Tone at –36-dBFS Amplitude
fIN1 = 45 MHz
fIN2 = 50 MHz
SFDR = 92 dBFS
fIN1 = 45 MHz
fIN2 = 50 MHz
SFDR = 99 dBFS
2-Tone IMD = 87 dBFS
2-Tone IMD = 99 dBFS
Figure 8. FFT for Two-Tone Input Signal
Figure 9. FFT for Two-Tone Input Signal
Each Tone at –7-dBFS Amplitude
Each Tone at –36-dBFS Amplitude
fIN1 = 185.1 MHz
fIN2 = 190.1 MHz
SFDR = 102 dBFS
fIN1 = 185.1 MHz
fIN2 = 190.1 MHz
SFDR = 100 dBFS
2-Tone IMD = 97 dBFS
2-Tone IMD = 101 dBFS
Figure 10. FFT for Two-Tone Input Signal
Figure 11. FFT for Two-Tone Input Signal
Input Frequency = 170 MHz
Figure 13. HD2 Distribution over Multiple Devices
Figure 12. Spurious-Free Dynamic Range
vs Input Frequency
Copyright © 2013–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com