Electronic Components Datasheet Search
  English  ▼

X  

ADS4449 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4449
Description  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4449 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS4449 Datasheet HTML 4Page - Texas Instruments ADS4449 Datasheet HTML 5Page - Texas Instruments ADS4449 Datasheet HTML 6Page - Texas Instruments ADS4449 Datasheet HTML 7Page - Texas Instruments ADS4449 Datasheet HTML 8Page - Texas Instruments ADS4449 Datasheet HTML 9Page - Texas Instruments ADS4449 Datasheet HTML 10Page - Texas Instruments ADS4449 Datasheet HTML 11Page - Texas Instruments ADS4449 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ADS4449
SBAS603A – APRIL 2013 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
Typical values are at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC clock frequency = 250 MHz,
50% clock duty cycle, AVDD33V = 3.3 V, AVDD = 1.9 V, DRVDD = 1.8 V, and –1-dBFS differential input, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 40 MHz
83
fIN = 70 MHz
84
fIN = 140 MHz
82
THD
Total harmonic distortion
fIN = 170 MHz
75
83
dBc
fIN = 220 MHz
82
fIN = 307 MHz
76
fIN = 350 MHz
75
fIN = 40 MHz
96
fIN = 70 MHz
87
fIN = 140 MHz
86
HD2
Second-order harmonic distortion(3) (4)
fIN = 170 MHz
78.5
86
dBc
fIN = 220 MHz
84
fIN = 307 MHz
78
fIN = 350 MHz
77
fIN = 40 MHz
83
fIN = 70 MHz
89
fIN = 140 MHz
85
HD3
Third-order harmonic distortion
fIN = 170 MHz
79.5
86
dBc
fIN = 220 MHz
85
fIN = 307 MHz
80
fIN = 350 MHz
78
fIN = 40 MHz
100
fIN = 70 MHz
100
fIN = 140 MHz
95
Worst spur
fIN = 170 MHz
87
95
dBc
(non HD2, HD3)
fIN = 220 MHz,
95
fIN = 307 MHz
85
fIN = 350 MHz
85
DNL
Differential nonlinearity
–0.95
±0.5
LSBs
INL
Integral nonlinearity
±1.5
±5.25
LSBs
Recovery to within 1% (of final value) for
Clock
Input overload recovery
1
6-dB output overload with sine-wave input
cycle
with a full-scale, 220-MHz signal on
Crosstalk
aggressor channel and no signal on victim
90
dB
channel
PSRR
AC power-supply rejection ratio
For 50-mVPP signal on AVDD supply
< 30
dB
(3)
Phase and amplitude imbalances onboard must be minimized to obtain good performance.
(4)
The minimum value across temperature is ensured by bench characterization.
8
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Product Folder Links: ADS4449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com