Electronic Components Datasheet Search
  English  ▼

X  

FDC2114RGHT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 15Page - Texas Instruments FDC2114RGHT Datasheet HTML 16Page - Texas Instruments FDC2114RGHT Datasheet HTML 17Page - Texas Instruments FDC2114RGHT Datasheet HTML 18Page - Texas Instruments FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments FDC2114RGHT Datasheet HTML 21Page - Texas Instruments FDC2114RGHT Datasheet HTML 22Page - Texas Instruments FDC2114RGHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
REFx
SENSORx
28
CHx_FIN_S
¦
'$7$
L
2
¦
E
x
OFFSET
(12 OUTP
SENSORx
REF
UT_GAIN
1
x
)
6
CHx
DATAx
CHx_FIN_SEL
2
2
¦
¦

§
·
¨
¸
©
¹

2
SENSO
S
SOR
x
N
R
E
1
C
C
L (2
¦

S
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Table 8. Frequency Offset Registers
CHANNEL(
REGISTER
FIELD [ BIT(S) ]
VALUE
1)
0
OFFSET_CH0, addr 0x0C
CH0_OFFSET [ 15:0 ]
fOFFSET0 = CH0_OFFSET * (fREF0/2
16)
1
OFFSET_CH1, addr 0x0D
CH1_OFFSET [ 15:0 ]
fOFFSET1 = CH1_OFFSET * (fREF1/2
16)
2
OFFSET_CH2, addr 0x0E
CH2_OFFSET [ 15:0 ]
fOFFSET2 = CH2_OFFSET * (fREF2/2
16)
3
OFFSET_CH3, addr 0x0F
CH3_OFFSET [ 15:0 ]
fOFFSET3 = CH3_OFFSET * (fREF3/2
16)
(1)
Channels 2 and 3 are only available for FDC2114 and FDC2214.
The sensor capacitance CSENSE of a differential sensor configuration can be determined by:
where
•
C = parallel sensor capacitance (see Figure 55)
(7)
The FDC2112 and FDC2114 sensor frequency fSENSORx can be determined by:
where
•
DATAx = Conversion result from the DATA_CHx register
•
CHx_OFFSET = Offset value set in the OFFSET_CHx register
•
OUTPUT_GAIN = output multiplication factor set in the RESET_DEVICE.OUTPUT_GAIN register
(8)
The FDC2212 and FDC2214 sensor frequency fSENSORx can be determined by:
(FDC2212, FDC2214)
where
•
DATAx = Conversion result from the DATA_CHx register
(9)
9.3.3 Current Drive Control Registers
The registers listed in Table 9 are used to control the sensor drive current. The recommendations listed in the
last column of the table should be followed.
Table 9. Current Drive Control Registers
CHANNEL(1)
REGISTER
FIELD [ BIT(S) ]
VALUE
CONFIG, addr 0x1A
SENSOR_ACTIVATE_SEL [11]
Sets current drive for sensor activation.
All
Recommended value is b0 (Full Current
mode).
CONFIG, addr 0x1A
HIGH_CURRENT_DRV [6]
b0 = normal current drive (1.5 mA)
b1 = Increased current drive (> 1.5 mA)
0
for Ch 0 in single channel mode only.
Cannot be used in multi-channel mode.
DRIVE_CURRENT_CH0, addr 0x1E CH0_IDRIVE [15:11]
Drive current used during the settling and
conversion time for Ch. 0. Set such that
0
1.2V
≤ sensor oscillation amplitude (pk) ≤
1.8V
DRIVE_CURRENT_CH1, addr 0x1F CH1_IDRIVE [15:11]
Drive current used during the settling and
conversion time for Ch. 1. Set such that
1
1.2V
≤ sensor oscillation amplitude (pk) ≤
1.8V
(1)
Channels 2 and 3 are available for FDC2114 and FDC2214 only.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com