Electronic Components Datasheet Search
  English  ▼

X  

FLEXPOWER Datasheet(PDF) 4 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 4 Page - XP Power Limited

  FLEXPOWER Datasheet HTML 1Page - XP Power Limited FLEXPOWER Datasheet HTML 2Page - XP Power Limited FLEXPOWER Datasheet HTML 3Page - XP Power Limited FLEXPOWER Datasheet HTML 4Page - XP Power Limited FLEXPOWER Datasheet HTML 5Page - XP Power Limited FLEXPOWER Datasheet HTML 6Page - XP Power Limited FLEXPOWER Datasheet HTML 7Page - XP Power Limited FLEXPOWER Datasheet HTML 8Page - XP Power Limited FLEXPOWER Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Input Characteristics - X10 Models
Characteristic
Format
Voltage
Frequency
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage AC
85
264
VAC
Input Voltage DC
120
370
VDC
Input Frequency
47
63
Hz
400 Hz operation. See note 1.
Power Factor
Single
115 V
50 Hz
1.00
See Harmonics Graph 17
115 V
400 Hz
0.97
See Harmonics Graph 19
230 V
50 Hz
0.98
See Harmonics Graph 18
230 V
400 Hz
0.73
See Harmonics Graph 20
DD
115 V
50 Hz
0.99
See Harmonics Graph 21
115 V
400 Hz
0.97
See Harmonics Graph 23
230 V
50 Hz
0.98
See Harmonics Graph 22
230 V
400 Hz
0.72
See Harmonics Graph 24
Input Current,
No Load
Single
115 V
0.265
A
230 V
0.367
A
DD
115 V
0.530
A
230 V
0.734
A
Input Current,
Full Load
Single
115 V
9.95
13.30
A
230 V
4.89
6.67
A
DD
115 V
19.90
26.6
A
230 V
9.78
13.3
A
Inrush Current
Single
115 V
10.0
40
A
See Plot 5
230 V
14.0
40
A
264 VAC. See Plot 6
DD
115 V
20.0
80
A
230 V
28.0
80
A
264 VAC
Leakage Current
Single
115 V
142
μA
50 Hz
230 V
281
1500
μA
50 Hz, 200 μA max. for XM
DD
115 V
284
μA
50 Hz
230 V
562
3000
μA
50 Hz, 400 μA max. for XM
Input Protection
T20A / 250V internal fuse in line and neutral
1. Class A harmonic current levels, leakage current levels are exceeded.
Plot 5. Inrush current for X10 at 115 VAC
Plot 6. Inrush current for X10 at 230 VAC
4
xppower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com