Electronic Components Datasheet Search
  English  ▼

X  

FLEXPOWER Datasheet(PDF) 23 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 23 Page - XP Power Limited

Back Button FLEXPOWER Datasheet HTML 19Page - XP Power Limited FLEXPOWER Datasheet HTML 20Page - XP Power Limited FLEXPOWER Datasheet HTML 21Page - XP Power Limited FLEXPOWER Datasheet HTML 22Page - XP Power Limited FLEXPOWER Datasheet HTML 23Page - XP Power Limited FLEXPOWER Datasheet HTML 24Page - XP Power Limited FLEXPOWER Datasheet HTML 25Page - XP Power Limited FLEXPOWER Datasheet HTML 26Page - XP Power Limited FLEXPOWER Datasheet HTML 27Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
xppower.com
23
0.7
0.75
0.8
0.85
0.9
0.95
1
25%
50%
75%
100%
Load Percentage
Load Percentage
0.7
0.75
0.8
0.85
0.9
0.95
1
25%
50%
75%
100%
X10 Models
F7
25%
50%
75%
100%
85 V
0.739
0.784
0.781
0.766
115 V
0.750
0.803
0.809
0.804
150 V
0.756
0.811
0.824
0.822
200 V
0.760
0.817
0.832
0.833
250 V
0.763
0.819
0.835
0.837
F9
25%
50%
75%
100%
85 V
0.760
0.775
0.765
0.749
115 V
0.771
0.798
0.797
0.789
150 V
0.778
0.808
0.812
0.810
200 V
0.782
0.814
0.821
0.820
250 V
0.785
0.817
0.826
0.825
X10DD Models
0.60
0.65
0.70
0.75
0.80
0.85
0.90
25%
50%
75%
100%
Load Percentage
F9
25%
50%
75%
100%
85 V
0.680
0.760
0.780
0.785
90 V
0.680
0.760
0.778
0.782
115 V
0.710
0.765
0.810
0.825
230 V
0.715
0.820
0.840
0.860
246 V
0.715
0.825
0.845
0.870
X15 Models
Efficiency
Load Percentage
0.86
0.84
0.82
0.80
0.78
0.76
0.74
25%
50%
75%
100%
Load Percentage
0.86
0.84
0.82
0.80
0.78
0.76
0.74
0.72
0.70
25%
50%
75%
100%
X7 Models
F7
25%
50%
75%
100%
85 V
0.796
0.806
0.791
0.755
115 V
0.808
0.826
0.821
0.806
150 V
0.813
0.836
0.834
0.825
200 V
0.819
0.843
0.843
0.834
250 V
0.822
0.847
0.849
0.840
F9
25%
50%
75%
100%
85 V
0.763
0.779
0.761
0.733
115 V
0.790
0.804
0.799
0.784
150 V
0.797
0.819
0.816
0.807
200 V
0.800
0.829
0.828
0.820
250 V
0.804
0.834
0.834
0.827
X9 Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com