Electronic Components Datasheet Search
  English  ▼

X  

FLEXPOWER Datasheet(PDF) 7 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 7 Page - XP Power Limited

Back Button FLEXPOWER Datasheet HTML 3Page - XP Power Limited FLEXPOWER Datasheet HTML 4Page - XP Power Limited FLEXPOWER Datasheet HTML 5Page - XP Power Limited FLEXPOWER Datasheet HTML 6Page - XP Power Limited FLEXPOWER Datasheet HTML 7Page - XP Power Limited FLEXPOWER Datasheet HTML 8Page - XP Power Limited FLEXPOWER Datasheet HTML 9Page - XP Power Limited FLEXPOWER Datasheet HTML 10Page - XP Power Limited FLEXPOWER Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Isolation
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input to Output
4000
VAC
Input to Ground
1500
VAC
Output to Ground
250
VDC
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+70
ºC
Full power to +50 ºC, 50% power at +70 ºC, -20 ºC startup only
Reverse Fan Operating Temperature
-20
+60
ºC
Full power to +40 ºC, 50% power at +60 ºC, -20 ºC startup only
Operating Humidity
5
95
% RH
Non-condensing
Storage Temperature
-40
+85
ºC
Operating Altitude
3000
m
Audible Noise
46.1
dBA
Fan is Delta HH
Shock
MIL STD-810 Method 516.4 Procedure 1, 30G, half sine, 6 axes
Vibration
MIL STD-810 Method 514.4 Procedure 1, 1 G rms, 5-500 Hz, 3 axes
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
PFC Switching Frequency
65
kHz
Housekeeping supply 130 kHz typical
Module Switching Frequency
200
kHz
Weight X7 Chassis
2.75 (1250)
lbs (g)
Weight X9 Chassis
3.3 (1500)
lbs (g)
Weight X10 Chassis
4.0 (1800)
lbs (g)
Weight X15 Chassis
8.0 (3636)
lbs (g)
Weight 2X Module
0.48 (218)
lbs (g)
Weight 3X Module
0.74 (335)
lbs (g)
Weight 4X Module
0.95 (431)
lbs (g)
Power Density X4
3.2
W / in3
Power Density X5
4.0
W / in3
Power Density X7
5.6
W / in3
Power Density X9
6.0
W / in3
Power Density X10, X15
5.7
W / in3
Efficiency
83.5%
See graphs page 20
Reliability
Designation
25 ºC
40 ºC
Units
Notes & Conditions
2 Slot Modules
2D
1,211,340
735,321
Hours
MTBF calculation assumptions:
1) All SMD resistors are considered 10K.
2) Quality level is Lower( hermetically ) for transistor and diode by
default unless higher quality is mentioned.
3) Non-ER' is used in quality level of capacitor and resistor during
the calculation.
4) Commercial' is used in quality level of IC and Relay during the
calculation.
5) Special correction factor as 0.01 was used in Q1 and Q2 of the
X7,X9 due to the improper module of the software.
6) Fans are not considered during the calculation.
2J
1,221,690
736,597
Hours
2P
1,158,754
697,325
Hours
2R
895,129
532,978
Hours
2W
1,160,350
699,271
Hours
3 Slot Modules
5X
748588
521,751
Hours
3C
1,160,350
707,221
Hours
3D
1,196,651
728,751
Hours
3J
1,321,184
740,414
Hours
3L
1,207,620
730,995
Hours
3P
1,205,278
729,020
Hours
3Q
1,210,351
731,751
Hours
3R
569,600
382,000
Hours
3U
1,198,520
725,096
Hours
3W
1,192,223
720,847
Hours
4 Slot Modules
All modules
460,029
327,176
Hours
Chassis
X4
843,674
507,459
Hours
X5
843,674
507,459
Hours
X7
599,009
320,296
Hours
X9
559,615
336,507
Hours
X10
527,132
316,918
Hours
X15
181,127
126,133
Hours
To calculate the MTBF of your configuration, select the individual MTBF
for each modules and use the calculation below to derive total MTBF.
111
1
MTBF
MTBF1
MTBF2
MTBFn
TOTAL
=
+
- - - - - - - - - - - - - - - +
7
xppower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com