Electronic Components Datasheet Search
  English  ▼

X  

FLEXPOWER Datasheet(PDF) 1 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 1 Page - XP Power Limited

  FLEXPOWER Datasheet HTML 1Page - XP Power Limited FLEXPOWER Datasheet HTML 2Page - XP Power Limited FLEXPOWER Datasheet HTML 3Page - XP Power Limited FLEXPOWER Datasheet HTML 4Page - XP Power Limited FLEXPOWER Datasheet HTML 5Page - XP Power Limited FLEXPOWER Datasheet HTML 6Page - XP Power Limited FLEXPOWER Datasheet HTML 7Page - XP Power Limited FLEXPOWER Datasheet HTML 8Page - XP Power Limited FLEXPOWER Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
The fleXPower series is a range of modular power supplies which can be configured into a bespoke solution for quick delivery of samples,
prototypes and low volume production.
The range consists of 8 power platforms ranging from 400W to 2400W and 14 modules ranging from 3.3V at 66W to 60V at 750W. The
modules can be placed in series or in parallel to give a single output at the chassis rating. Modules of unlike power can be paralleled and will
current share within 10%.
Signals are floating and allow for configuration as active low or active high and include AC OK, global DC OK, module DC OK and current
monitor. There is a global inhibit signal which can alternatively be configured as a global enable.
fleXPower consists of a chassis of the required power level in which there are 10 slots in versions rated up to 700W, 12 slots for the 900W
version, 14 slots for the 1000W version and 16 slots in the 1500 W version. An extra 200W of power is available from X4, X5, X7, X9 & X10
chassis at high line and an extra 1000 W is available from the X15 chassis at high line.
fleXPower chassis can be specified as industrial or medical types. Industrial versions have EN60950 and UL60950 approvals and also meet
the requirements of EN61010. Medical versions are approved to EN60601-1 and UL60601-1 and also meet the EMC requirements specified
in UL60601-1-2 2nd Edition.
•
Industrial / IT & Medical Approvals
•
Configurable For Fast Time To Market
•
Semi F47 Compliant
•
Flexible Series & Parallel Capability
•
-20 °C Operation
•
Extra Power Available At High Line
•
6 Power Platforms
•
Fully Featured Signal Set
•
Isolated Signals with Reverse logic Option
•
Meets EN60601-1-2 & EN61204-3 For EMC
•
FMEA Available
•
Optional Fan Speed Control
fleXPower Series
fleXPower Series


Similar Part No. - FLEXPOWER

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
logo
Littelfuse
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
Axial Lead Reed Switches
logo
Mclennan Servo Supplie...
FLEX-6-NANO MCLENNAN-FLEX-6-NANO Datasheet
7Mb / 3P
64 Axis EtherCAT Motion Coordinator
More results

Similar Description - FLEXPOWER

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
Dual Gauge Driver with Configurable esponse Time
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
logo
Omron Electronics LLC
G3VM-51PR OMRON-G3VM-51PR Datasheet
760Kb / 3P
Smallest Class in market, USOP Package MOS FET Relays is designed to exhibit a fast rise time and reduce signal degradation.
logo
ATMEL Corporation
ATSTK594 ATMEL-ATSTK594 Datasheet
221Kb / 1P
FPSLIC is ALL About Time To Market
logo
Rohm
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
This is the product guarantees long time support in Industrial market
logo
Maxim Integrated Produc...
MAX32664 MAXIM-MAX32664 Datasheet
377Kb / 10P
Biometric Sensor Hub Solution Enables Faster Time to Market
Rev 0; 4/18
logo
ON Semiconductor
FT8010 ONSEMI-FT8010 Datasheet
681Kb / 15P
Reset Timer with Configurable Delay Time
April 2013 Rev. 1.0.8
logo
PHOENIX CONTACT
1403741 PHOENIX-1403741 Datasheet
94Kb / 5P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
ETSI-certified for the European market
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com