Electronic Components Datasheet Search
  English  ▼

X  

FLEXPOWER Datasheet(PDF) 6 Page - XP Power Limited

Part # FLEXPOWER
Description  Configurable For Fast Time To Market
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FLEXPOWER Datasheet(HTML) 6 Page - XP Power Limited

Back Button FLEXPOWER Datasheet HTML 2Page - XP Power Limited FLEXPOWER Datasheet HTML 3Page - XP Power Limited FLEXPOWER Datasheet HTML 4Page - XP Power Limited FLEXPOWER Datasheet HTML 5Page - XP Power Limited FLEXPOWER Datasheet HTML 6Page - XP Power Limited FLEXPOWER Datasheet HTML 7Page - XP Power Limited FLEXPOWER Datasheet HTML 8Page - XP Power Limited FLEXPOWER Datasheet HTML 9Page - XP Power Limited FLEXPOWER Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Voltage
2
60
VDC
See modules table
Initial Set Accuracy
0.13%
Voltage Adjustment
±10
%
±6 min for 3.3 V output
Voltage Programming
±6
%
-6% apply 0 V, +6% apply 5 V to VProg pin
Minimum Load
0
A
No minimum load required for 2, 3 or 4 slot single output modules
and 6 x dual output modules. 2 slot 5 x dual output modules require
10% load on V1 to meet specified regulation on V2
Start Up Delay
1.6
2
s
To 90% of nominal output. See Plot 9
Start Up Delay from ROF
3
ms
Start Up Rise Time
37.5
ms
See Plot 10
Hold Up Time X7
20
33.5
ms
For X7 with full load.
Hold Up Time X7 high line
20
24.35
ms
For X7 with 900 W load, high line.
Hold Up Time X9
20
37.5
ms
For X9 with full load.
Hold Up Time X9 high line
20
30.7
ms
For X9 with 1100 W load, high line.
Hold Up Time X4
20
67.0
ms
For X4 with full load.
Hold Up Time X5
20
51.0
ms
For X5 with full load.
Hold Up Time X10
20
45.2
ms
For X10 with full load.
Hold Up Time X10 high line
20
44.2
ms
For X10 with 1200 W load
Hold Up Time X15
16
44.8
ms
For X15 with full load.
Hold Up Time X15 high line
16
22.7
ms
For X15 with 2500 W load
Line Regulation
0.01
0.1
%
Load Regulation
1
%
Transient Response
0.7
±2
%
50-100% load change, recovery time 300 μs
Ripple & Noise
0.1
1.0
%
20 MHz BW, 150 MHz BW typical 0.2% 48 V output. 6E module has
1.5% max on V1 and V2, 6N module has 1.5% max on V1 and 3% max
on V2
Over Voltage Protection
115
125
130
%
140% max for 6E and 6N modules.
Overload Protection
110
120
140
%
Overtemperature Protection
115
ºC
Measured Internally, Auto Resetting
Short Circuit Protection
Continuous auto-resetting
Temperature Coefficient
0.03
% / ºC
Parallel Connections
Via single wire parallel. Dissimilar powers will share within 10%.
Housekeeping Voltage
5 V/1 A from each chassis
Plot 10. Start Up Rise Time
Plot 9. Start Up Delay
6
xppower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com