Electronic Components Datasheet Search
  English  ▼

X  

STD25NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD25NF20
Description  Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  STD25NF20 Datasheet HTML 1Page - STMicroelectronics STD25NF20 Datasheet HTML 2Page - STMicroelectronics STD25NF20 Datasheet HTML 3Page - STMicroelectronics STD25NF20 Datasheet HTML 4Page - STMicroelectronics STD25NF20 Datasheet HTML 5Page - STMicroelectronics STD25NF20 Datasheet HTML 6Page - STMicroelectronics STD25NF20 Datasheet HTML 7Page - STMicroelectronics STD25NF20 Datasheet HTML 8Page - STMicroelectronics STD25NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
May 2015
DocID024372 Rev 3
1/16
STD25NF20
Automotive-grade N-channel 200 V, 0.10
Ω typ., 18 A
STripFET™ Power MOSFET in a DPAK package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Extremely low gate charge
• Exceptional dv/dt capability
• Low gate input resistance
• 100% avalanche tested
Applications
• Switching applications
Description
This N-channel enhancement mode Power
MOSFET benefits from the latest refinement of
STMicroelectronics' unique “single feature size“
strip-based process, which decreases the critical
alignment steps to offer exceptional
manufacturing reproducibility. The result is a
transistor with extremely high packing density for
low on-resistance, rugged avalanche
characteristics and low gate charge.
DPAK
1
3
TAB
Order code
VDS
RDS(on)
max
ID
PTOT
STD25NF20
200 V
0.125
Ω
18 A
110 W
Table 1. Device summary
Order code
Marking
Package
Packing
STD25NF20
25NF20
DPAK
Tape and reel
www.st.com


Similar Part No. - STD25NF20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD25NF20 ISC-STD25NF20 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STD25NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB18NF30 STMICROELECTRONICS-STB18NF30 Datasheet
1,003Kb / 15P
Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
06-Aug-2013
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
Automotive-grade N-channel 60 V, 19 mΩ typ., 24 A STripFET™F6 Power MOSFET in a DPAK package
30-Jun-2015
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
Automotive-grade N-channel 100 V, 12.5 mΩ typ., 45 A, STripFET™F7 Power MOSFET in a DPAK package
01-Feb-2017
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
01-Oct-2019
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
29-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com