Electronic Components Datasheet Search
  English  ▼

X  

STD25NF20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD25NF20
Description  Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD25NF20 Datasheet HTML 6Page - STMicroelectronics STD25NF20 Datasheet HTML 7Page - STMicroelectronics STD25NF20 Datasheet HTML 8Page - STMicroelectronics STD25NF20 Datasheet HTML 9Page - STMicroelectronics STD25NF20 Datasheet HTML 10Page - STMicroelectronics STD25NF20 Datasheet HTML 11Page - STMicroelectronics STD25NF20 Datasheet HTML 12Page - STMicroelectronics STD25NF20 Datasheet HTML 13Page - STMicroelectronics STD25NF20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
STD25NF20
10/16
DocID024372 Rev 3
4.1
DPAK (TO-252) package information
Figure 18. DPAK (TO-252) type A2 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com