Electronic Components Datasheet Search
  English  ▼

X  

STD25NF20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD25NF20
Description  Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF20 Datasheet(HTML) 3 Page - STMicroelectronics

  STD25NF20 Datasheet HTML 1Page - STMicroelectronics STD25NF20 Datasheet HTML 2Page - STMicroelectronics STD25NF20 Datasheet HTML 3Page - STMicroelectronics STD25NF20 Datasheet HTML 4Page - STMicroelectronics STD25NF20 Datasheet HTML 5Page - STMicroelectronics STD25NF20 Datasheet HTML 6Page - STMicroelectronics STD25NF20 Datasheet HTML 7Page - STMicroelectronics STD25NF20 Datasheet HTML 8Page - STMicroelectronics STD25NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID024372 Rev 3
3/16
STD25NF20
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
200
V
VGS
Gate-source voltage
±20
ID
Drain current (continuous) at TC = 25 °C
18
A
Drain current (continuous) at TC = 100 °C
11
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
72
A
PTOT
Total dissipation at TC = 25 °C
110
W
dv/dt(2)
2.
ISD ≤ 18 A, di/dt ≤ 200 A/µs; VDS peak < V(BR)DSS, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.38
°C/W
Rthj-pcb
Thermal resistance junction-pcb
50(1)
1.
When mounted on 1 inch2 FR-4, 2 Oz copper board
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse
width limited by Tjmax )
18
A
EAS
Single pulse avalanche energy (starting Tj=25°C,
ID= IAR; VDD=50 V)
110
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com