Electronic Components Datasheet Search
  English  ▼

X  

STD25NF20 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD25NF20
Description  Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF20 Datasheet(HTML) 4 Page - STMicroelectronics

  STD25NF20 Datasheet HTML 1Page - STMicroelectronics STD25NF20 Datasheet HTML 2Page - STMicroelectronics STD25NF20 Datasheet HTML 3Page - STMicroelectronics STD25NF20 Datasheet HTML 4Page - STMicroelectronics STD25NF20 Datasheet HTML 5Page - STMicroelectronics STD25NF20 Datasheet HTML 6Page - STMicroelectronics STD25NF20 Datasheet HTML 7Page - STMicroelectronics STD25NF20 Datasheet HTML 8Page - STMicroelectronics STD25NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STD25NF20
4/16
DocID024372 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
200
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 200 V
1
µA
VDS = 200 V, TC=125 °C
50
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 10 A
0.10
0.125
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
940
pF
Coss
Output capacitance
-
197
pF
Crss
Reverse transfer
capacitance
-30
pF
Qg
Total gate charge
VDD = 160 V, ID = 20 A,
VGS = 10 V
(see Figure 13)
-28
39
nC
Qgs
Gate-source charge
-
5.6
nC
Qgd
Gate-drain charge
-
14.5
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 100 V, ID = 10 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 14 and Figure 17)
-15
-
ns
tr(v)
Voltage rise time
-
30
-
ns
td(off)
Turn-off-delay time
-
40
-
ns
tf(i)
Fall time
-
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com