Electronic Components Datasheet Search
  English  ▼

X  

C164CL Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 33Page - Infineon Technologies AG C164CL Datasheet HTML 34Page - Infineon Technologies AG C164CL Datasheet HTML 35Page - Infineon Technologies AG C164CL Datasheet HTML 36Page - Infineon Technologies AG C164CL Datasheet HTML 37Page - Infineon Technologies AG C164CL Datasheet HTML 38Page - Infineon Technologies AG C164CL Datasheet HTML 39Page - Infineon Technologies AG C164CL Datasheet HTML 40Page - Infineon Technologies AG C164CL Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
33
V2.0, 2001-05
Special Function Registers Overview
Table 7 lists all SFRs which are implemented in the C164CI in alphabetical order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”. SFRs within the
Extended SFR-Space (ESFRs) are marked with the letter “E” in column “Physical
Address”. Registers within on-chip X-peripherals are marked with the letter “X” in column
“Physical Address”.
An SFR can be specified via its individual mnemonic name. Depending on the selected
addressing mode, an SFR can be accessed via its physical address (using the Data
Page Pointers), or via its short 8-bit address (without using the Data Page Pointers).
Table 7
C164CI Registers, Ordered by Name
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value
ADCIC
b FF98H
CCH
A/D Converter End of Conversion
Interrupt Control Register
0000H
ADCON
b FFA0H
D0H
A/D Converter Control Register
0000H
ADDAT
FEA0H
50H
A/D Converter Result Register
0000H
ADDAT2
F0A0H
E 50H
A/D Converter 2 Result Register
0000H
ADDRSEL1
FE18H
0CH
Address Select Register 1
0000H
ADDRSEL2
FE1AH
0DH
Address Select Register 2
0000H
ADDRSEL3
FE1CH
0EH
Address Select Register 3
0000H
ADDRSEL4
FE1EH
0FH
Address Select Register 4
0000H
ADEIC
b FF9AH
CDH
A/D Converter Overrun Error Interrupt
Control Register
0000H
BUSCON0 b FF0CH
86H
Bus Configuration Register 0
0000H
BUSCON1 b FF14H
8AH
Bus Configuration Register 1
0000H
BUSCON2 b FF16H
8BH
Bus Configuration Register 2
0000H
BUSCON3 b FF18H
8CH
Bus Configuration Register 3
0000H
BUSCON4 b FF1AH
8DH
Bus Configuration Register 4
0000H
C1BTR
EF04H
X ---
CAN1 Bit Timing Register
UUUUH
C1CSR
EF00H
X ---
CAN1 Control / Status Register
XX01H
C1GMS
EF06H
X ---
CAN1 Global Mask Short
UFUUH
C1LARn
EFn4H
X ---
CAN Lower Arbitration Register (msg. n)
UUUUH
C1LGML
EF0AH X ---
CAN Lower Global Mask Long
UUUUH
C1LMLM
EF0EH X ---
CAN Lower Mask of Last Message
UUUUH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com