Electronic Components Datasheet Search
  English  ▼

X  

C164CL Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 66Page - Infineon Technologies AG C164CL Datasheet HTML 67Page - Infineon Technologies AG C164CL Datasheet HTML 68Page - Infineon Technologies AG C164CL Datasheet HTML 69Page - Infineon Technologies AG C164CL Datasheet HTML 70Page - Infineon Technologies AG C164CL Datasheet HTML 71Page - Infineon Technologies AG C164CL Datasheet HTML 72Page - Infineon Technologies AG C164CL Datasheet HTML 73Page - Infineon Technologies AG C164CL Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
66
V2.0, 2001-05
Data valid to WR
t22 CC 20 + tC
–
2TCL - 20
+
tC
–
ns
Data hold after WR
t24 CC 10 + tF
–
TCL - 10
+
tF
–
ns
ALE rising edge after RD,
WR
t26 CC -10 + tF –
-10 +
tF
–
ns
Address hold after WR2)
t28 CC 0 + tF
–
0 +
tF
–
ns
ALE falling edge to CS3)
t38 CC -4 - tA
10 -
tA
-4 -
tA
10 -
tA
ns
CS low to Valid Data In3)
t39 SR –
40 +
tC + 2tA
–
3TCL - 20
+
tC + 2tA
ns
CS hold after RD, WR3)
t41 CC 6 + tF
–
TCL - 14
+
tF
–
ns
ALE falling edge to RdCS,
WrCS (with RW-delay)
t42 CC 16 + tA
–
TCL - 4
+
tA
–
ns
ALE falling edge to RdCS,
WrCS (no RW-delay)
t43 CC -4 + tA
–
-4
+
tA
–
ns
RdCS to Valid Data In
(with RW-delay)
t46 SR –
16 +
tC
–
2TCL - 24
+
tC
ns
RdCS to Valid Data In
(no RW-delay)
t47 SR –
36 +
tC
–
3TCL - 24
+
tC
ns
RdCS, WrCS Low Time
(with RW-delay)
t48 CC 30 + tC
–
2TCL - 10
+
tC
–
ns
RdCS, WrCS Low Time
(no RW-delay)
t49 CC 50 + tC
–
3TCL - 10
+
tC
–
ns
Data valid to WrCS
t50 CC 26 + tC
–
2TCL - 14
+
tC
–
ns
Data hold after RdCS
t51 SR 0
–
0
–
ns
Data float after RdCS
(with RW-delay)1)
t53 SR –
20 +
tF
–
2TCL - 20
+ 2
tA + tF
1)
ns
Demultiplexed Bus (cont’d)
(Operating Conditions apply)
ALE cycle time = 4 TCL + 2
tA + tC + tF (80 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com