Electronic Components Datasheet Search
  English  ▼

X  

C164CL Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 67Page - Infineon Technologies AG C164CL Datasheet HTML 68Page - Infineon Technologies AG C164CL Datasheet HTML 69Page - Infineon Technologies AG C164CL Datasheet HTML 70Page - Infineon Technologies AG C164CL Datasheet HTML 71Page - Infineon Technologies AG C164CL Datasheet HTML 72Page - Infineon Technologies AG C164CL Datasheet HTML 73Page - Infineon Technologies AG C164CL Datasheet HTML 74Page - Infineon Technologies AG C164CL Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
67
V2.0, 2001-05
Data float after RdCS
(no RW-delay)1)
t68 SR –
0 +
tF
–
TCL - 20
+ 2
tA + tF
1)
ns
Address hold after
RdCS, WrCS
t55 CC -6 + tF
–
-6 +
tF
–
ns
Data hold after WrCS
t57 CC 6 + tF
–
TCL - 14 +
tF
–
ns
1) RW-delay and t
A refer to the next following bus cycle (including an access to an on-chip X-Peripheral).
2) Read data are latched with the same clock edge that triggers the address change and the rising RD edge.
Therefore address changes before the end of RD have no impact on read cycles.
3) These parameters refer to the latched chip select signals (CSxL). The early chip select signals (CSxE) are
specified together with the address and signal BHE (see figures below).
Demultiplexed Bus (cont’d)
(Operating Conditions apply)
ALE cycle time = 4 TCL + 2
tA + tC + tF (80 ns at 25 MHz CPU clock without waitstates)
Parameter
Symbol
Max. CPU Clock
= 25 MHz
Variable CPU Clock
1 / 2TCL = 1 to 25 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com