Electronic Components Datasheet Search
  English  ▼

X  

C164CL Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 12Page - Infineon Technologies AG C164CL Datasheet HTML 13Page - Infineon Technologies AG C164CL Datasheet HTML 14Page - Infineon Technologies AG C164CL Datasheet HTML 15Page - Infineon Technologies AG C164CL Datasheet HTML 16Page - Infineon Technologies AG C164CL Datasheet HTML 17Page - Infineon Technologies AG C164CL Datasheet HTML 18Page - Infineon Technologies AG C164CL Datasheet HTML 19Page - Infineon Technologies AG C164CL Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
12
V2.0, 2001-05
Memory Organization
The memory space of the C164CI is configured in a Von Neumann architecture which
means that code memory, data memory, registers and I/O ports are organized within the
same linear address space which includes 16 MBytes. The entire memory space can be
accessed bytewise or wordwise. Particular portions of the on-chip memory have
additionally been made directly bitaddressable.
The C164CI incorporates 64 KBytes of on-chip OTP memory or 64/48 KBytes of on-chip
mask-programmable ROM (not in the ROM-less derivative, of course) for code or
constant data. The lower 32 KBytes of the on-chip ROM/OTP can be mapped either to
segment 0 or segment 1.
The OTP memory can be programmed by the CPU itself (in system, e.g. during booting)
or directly via an external interface (e.g. before assembly). The programming time is
approx. 100
µs per word. An external programming voltage VPP =11.5 V must be
supplied for this purpose (via pin EA/
VPP).
2 KBytes of on-chip Internal RAM (IRAM) are provided as a storage for user defined
variables, for the system stack, general purpose register banks and even for code. A
register bank can consist of up to 16 wordwide (R0 to R15) and/or bytewide (RL0, RH0,
…, RL7, RH7) so-called General Purpose Registers (GPRs).
1024 bytes (2
× 512 bytes) of the address space are reserved for the Special Function
Register areas (SFR space and ESFR space). SFRs are wordwide registers which are
used for controlling and monitoring functions of the different on-chip units. Unused SFR
addresses are reserved for future members of the C166 Family.
2 KBytes of on-chip Extension RAM (XRAM) are provided to store user data, user
stacks, or code. The XRAM is accessed like external memory and therefore cannot be
used for the system stack or for register banks and is not bitaddressable. The XRAM
permits 16-bit accesses with maximum speed.
In order to meet the needs of designs where more memory is required than is provided
on chip, up to 4 MBytes of external RAM and/or ROM can be connected to the
microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com