Electronic Components Datasheet Search
  English  ▼

X  

C164CL Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # C164CL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CL Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button C164CL Datasheet HTML 51Page - Infineon Technologies AG C164CL Datasheet HTML 52Page - Infineon Technologies AG C164CL Datasheet HTML 53Page - Infineon Technologies AG C164CL Datasheet HTML 54Page - Infineon Technologies AG C164CL Datasheet HTML 55Page - Infineon Technologies AG C164CL Datasheet HTML 56Page - Infineon Technologies AG C164CL Datasheet HTML 57Page - Infineon Technologies AG C164CL Datasheet HTML 58Page - Infineon Technologies AG C164CL Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
51
V2.0, 2001-05
P0.15-13 (P0H.7-5). Register RP0H can be loaded from the upper half of register
RSTCON under software control.
Table 11 associates the combinations of these three bits with the respective clock
generation mode.
Prescaler Operation
When prescaler operation is configured (CLKCFG = 001B) the CPU clock is derived from
the internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of
fCPU is half the frequency of fOSC and the high and low time of fCPU (i.e.
the duration of an individual TCL) is defined by the period of the input clock
fOSC.
The timings listed in the AC Characteristics that refer to TCLs therefore can be
calculated using the period of
fOSC for any TCL.
Phase Locked Loop
When PLL operation is configured (via CLKCFG) the on-chip phase locked loop is
enabled and provides the CPU clock (see Table 11). The PLL multiplies the input
frequency by the factor F which is selected via the combination of pins P0.15-13 (i.e.
fCPU = fOSC × F). With every F’th transition of fOSC the PLL circuit synchronizes the CPU
clock to the input clock. This synchronization is done smoothly, i.e. the CPU clock
frequency does not change abruptly.
Table 11
C164CI Clock Generation Modes
CLKCFG1)
(RP0H.7-5)
1) Please note that pin P0.15 (corresponding to RP0H.7) is inverted in emulation mode, and thus also in EHM.
CPU Frequency
fCPU = fOSC × F
External Clock
Input Range2)
2) The external clock input range refers to a CPU clock range of 10 … 25 MHz.
Notes
11 1
fOSC × 4
2.5 to 6.25 MHz
Default configuration
11 0
fOSC × 3
3.33 to 8.33 MHz
–
10 1
fOSC × 2
5 to 12.5 MHz
–
10 0
fOSC × 5
2 to 5 MHz
–
01 1
fOSC × 1
1 to 25 MHz
Direct drive3)
3) The maximum frequency depends on the duty cycle of the external clock signal.
01 0
fOSC × 1.5
6.66 to 16.66 MHz
–
00 1
fOSC / 2
2 to 50 MHz
CPU clock via prescaler
00 0
fOSC × 2.5
4 to 10 MHz
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com