Electronic Components Datasheet Search
  English  ▼

X  

TUSB542 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB542 Datasheet HTML 1Page - Texas Instruments TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
TUSB542
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics, Power Supply Currents.... 5
6.6
Electrical Characteristics, DC ................................... 5
6.7
Electrical Characteristics, Dynamic........................... 6
6.8
Electrical Characteristics, AC.................................... 6
6.9
Timing Requirements ................................................ 7
6.10
Switching Characteristics ........................................ 7
6.11
Typical Characteristics ............................................ 8
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 14
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Applications, USB Type-C Port SS MUX ... 15
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Documentation Support ....................................... 20
11.2
Community Resources.......................................... 20
11.3
Trademarks ........................................................... 20
11.4
Electrostatic Discharge Caution ............................ 20
11.5
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
Changes from Revision A (January 2016) to Revision B
Page
•
Changed the RX_AP+ (pin 18) and RX_AP- (pin 17) I/O Type and Description to Diff output ............................................. 3
•
Changed the TX_AP+ (pin 15) and RX_AP- (pin 14) I/O Type and Description to Diff input ............................................... 3
Changes from Original (December 2015) to Revision A
Page
•
Changed the TX_AP and RX_AP pins in the Simplified Schematic....................................................................................... 1
•
Changed the RX_AP+, RX_AP- and TX_AP+, TX_PA- pins in the RWQ Package .............................................................. 3
•
Changed pin RX_AP+ number From: 15 To: 18 .................................................................................................................... 3
•
Changed pin RX_AP- number From: 14 To: 17 ..................................................................................................................... 3
•
Changed pin TX_AP+ number From: 18 To: 15..................................................................................................................... 3
•
Changed pin TX_AP- number From: 17 To: 14 ..................................................................................................................... 3
•
Changed Table 1 ................................................................................................................................................................. 11
•
Changed Figure 13 .............................................................................................................................................................. 11
•
Changed the Functional Block Diagram .............................................................................................................................. 12
•
Changed location of pins SSTXP, SSTXN and SSRXP, SSRXN in Figure 16 ................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com