Electronic Components Datasheet Search
  English  ▼

X  

TUSB542 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments TUSB542 Datasheet HTML 14Page - Texas Instruments TUSB542 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Flexible Cable + Sub-Board
Main Board
TUSB542
Ch. 1
Ch. 2
DE_CON
OS_CON
DE_AP
OS_AP
EQ_AP
EQ_CON
11
TUSB542
www.ti.com
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Terminated through 50 K (minimum) resistors
7 Detailed Description
7.1 Overview
TUSB542 is an active redriver USB Type-C Mux that provides signal conditioning and switching according to
plug orientation. The device is a dual channel USB 3.1 Gen1 (5 Gbps) redriver supporting systems with USB
Type-C connectors. The TUSB542 can be controlled through the SEL pin by an external Configuration Channel
Logic Controller to properly mux the signals.
When 5 Gbps Super Speed USB signals travel across a PCB or cable, signal integrity degrades due to loss and
inter-symbol interference. The TUSB542 recovers incoming data by applying equalization that compensates for
channel loss, and drives out signals with a high differential voltage. This extends the possible channel length,
and enables systems to pass USB 3.1 compliance.
The TUSB542 advanced state machine makes it transparent to hosts and devices. After power up, the TUSB542
periodically performs receiver detection on the TX pair. If it detects a SS USB receiver, the RX termination is
enabled, and the TUSB542 is ready to re-drive.
The TUSB542 operates over the industrial temperature range of -40ºC to 85ºC in the 2 mm x 2.4 mm X2QFN
package. The device ultra-low power architecture operates at a 1.8-V power supply. The automatic LFPS De-
Emphasis control further enables the system to be USB 3.0 compliant. An advanced state machine inside the
device monitors the USB SS traffic to perform enhanced power management to operate in no-connect, U2, U3
and active modes.
The USB Type-C connector is designed to allow insertion either upside-up or downside-up. The TUSB542
supports this feature by routing the AP signals to one of two output channels. The SEL input control defines the
way that the AP side signals is routed on the redriver device side. Table 1 lists the active MUX configurations
based on the SEL input.
Table 1. USB SS MUX Control
SEL
Tx_Con_1
Rx_Con_1
Tx_Con_2
Rx_Con_2
H
TX_AP
RX_AP
GND
GND (1)
L
GND
GND (1)
TX_AP
RX_AP
The TUSB542 has flexible configurations to optimize the device using GPIO control pins. Figure 13 shows a
typical signal chain for mobile applications. Channel 1 is between Application Processor (AP) and TUSB542,
Channel 2 is between the TUSB542 redriver and the downstream device. The CNFG_A1 and CNFG_B1 pins
provide signal integrity configuration settings for channel 1, while CNFG_A2 and CNFG_B2 pins control the
operation of Channel 2. as depicted in Table 2.
Figure 13. Typical Channels
The receiver (RX) of the device provides the flexibility of 0, 3, 6 and 9 dB of equalization, while the transmitter
(TX) provides the options of 0, 3.5 or 6 dB De-Emphasis. The transmitter also supports output swing settings of
900 mV and 1.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com