Electronic Components Datasheet Search
  English  ▼

X  

TUSB542 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB542 Datasheet HTML 1Page - Texas Instruments TUSB542 Datasheet HTML 2Page - Texas Instruments TUSB542 Datasheet HTML 3Page - Texas Instruments TUSB542 Datasheet HTML 4Page - Texas Instruments TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
18
17
16
15
14
2
3
4
13
12
11
10
5
6
7
8
9
RX_CON_1+
RX_CON_1–
TX_CON_2+
TX_CON_2–
CNFG_A1
CNFG_B1
CNFG_B2
CNFG_A2
GND
3
TUSB542
www.ti.com
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RWQ Package
18 Pins (X2QFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VDD18
5
P
1.8 V Power Supply
GND
PAD
G
Reference Ground Thermal Pad. Must connect to GND on the board.
SEL
16
Input
2:1 SS MUX control. See Table 1 for signal path settings.210K
Ω internal pullup resistor.
H: AP SS signals are connected to Type-C position 1 signals.
L: AP SS signals are connected to Type-C position 2 signals
CNFG_A1
1
Tri-level Input
Tri-level configuration input pin A1 (for Ch 1): sets channel 1 (AP to redriver) EQ, DE and OS
configurations. Pin has integrated pull-up and pull-down resistors of 105 k
Ω. Refer to Table 2
for configuration settings.
CNFG_B1
4
Tri-level Input
Tri-level configuration input pin B1 (for Ch 1): sets channel 1 (AP to redriver) EQ, DE and OS
configurations. Pin has integrated pull-up and pull-down resistors of 105 k
Ω. Refer to Table 2
for configuration settings.
CNFG_A2
13
Tri-level Input
Tri-level configuration input pin A2 (for Ch 2): sets channel 2 (redriver to device) EQ, DE and
OS configurations. Pin has integrated pull-up and pull-down resistors of 10 5k
Ω. Refer to
Table 2 for configuration settings.
CNFG_B2
10
Tri-level Input
Tri-level configuration input pin B2 (for Ch 2): sets channel 2 (redriver to device) EQ, DE and
OS configurations. Pin has integrated pull-up and pull-down resistors of 105 k
Ω.refer to
Table 2 for configuration settings.
RX_AP+
18
Diff output
Differential output to Application Processor (AP), 5 Gbps SS positive signal
RX_AP-
17
Diff output
Differential output to AP, 5 Gbps SS negative signal
TX_AP+
15
Diff input
Differential input from AP, 5 Gbps SS positive signal
TX_AP-
14
Diff input
Differential input from AP, 5 Gbps SS negative signal
Rx_Con_1+
2
Diff input
Differential input from Type-C Connector, Position 1, SS positive signal
Rx_Con_1-
3
Diff input
Differential input from Type-C Connector, Position 1, SS negative signal
Tx_Con_1+
6
Diff output
Differential output to Type-C Connector, Position 1, SS positive signal
Tx_Con_1-
7
Diff output
Differential output to Type-C Connector, Position 1, SS negative signal
Rx_Con_2-
8
Diff input
Differential input from Type-C Connector, Position 2, SS negative signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com