Electronic Components Datasheet Search
  English  ▼

X  

TUSB542 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments TUSB542 Datasheet HTML 14Page - Texas Instruments TUSB542 Datasheet HTML 15Page - Texas Instruments TUSB542 Datasheet HTML 16Page - Texas Instruments TUSB542 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
± 0.5 V
0 V
0.5 V
0ps
200ps
400ps
600ps
800ps
1000ps
1200ps
DE = 0 dB
DE = ± 3.5 dB
DE = ± 6 dB
DE = ± 6 dB
DE = ± 3.5 dB
DE = 0 dB
Transition Bit
Consecutive Bits
Transition Bit
Consecutive Bits
VTX-DIFF-PP
13
TUSB542
www.ti.com
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Receiver Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in
the system before the input of the TUSB542 receiver. The receiver overcomes these losses by providing gain to
the high frequency components of the signals with respect to the low frequency components. The proper gain
setting should be selected to match the channel insertion loss before the receiver input of the TUSB542.
7.3.2 De-Emphasis Control and Output Swing
The output differential drivers of the TUSB542 provide selectable De-Emphasis and output swing in order to
achieve USB3.1 compliance, these options are configurable by means of 3-state control pins, and its available
settings are listed on the Table 2. The level of de-emphasis required in the system depends on the channel
length after the output of the re-driver. Figure 14 shows transmit bits with De-Emphasis.
Figure 14. Transmitter Differential Voltage in Presence of De-Emphasis
7.3.3 Automatic LFPS Detection
The TUSB542 features an intelligent low frequency periodic signaling (LFPS) controller. The controller senses
the low frequency signals and automatically disables the driver de-emphasis, for full USB3.1 compliance.
7.3.4 Automatic Power Management
The TUSB542 deploys RX detect, LFPS signal detection and signal monitoring to implement an automatic power
management scheme to provide active, U2/U3 and disconnect modes. The automatic power management is
driven by an advanced state machine, which is implemented to manage the device such that the re-driver
operates smoothly in the links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com