Electronic Components Datasheet Search
  English  ▼

X  

CLX30 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CLX30
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX30 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CLX30 Datasheet HTML 1Page - Infineon Technologies AG CLX30 Datasheet HTML 2Page - Infineon Technologies AG CLX30 Datasheet HTML 3Page - Infineon Technologies AG CLX30 Datasheet HTML 4Page - Infineon Technologies AG CLX30 Datasheet HTML 5Page - Infineon Technologies AG CLX30 Datasheet HTML 6Page - Infineon Technologies AG CLX30 Datasheet HTML 7Page - Infineon Technologies AG CLX30 Datasheet HTML 8Page - Infineon Technologies AG CLX30 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CLX30
Semiconductor Group
6 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 5 V, ID = 240 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,902
-93
11,260
124
0,0263
42
0,244
-139
0,27
26,3
0,6
0,885
-100
10,540
119
0,0270
39
0,256
-142
0,32
25,9
0,7
0,873
-107
9,788
114
0,0280
35
0,267
-144
0,36
25,4
0,8
0,867
-113
9,193
110
0,0287
32
0,278
-147
0,39
25,1
0,9
0,865
-119
8,575
106
0,0296
29
0,289
-150
0,40
24,6
1,0
0,864
-126
8,000
102
0,0305
26
0,299
-153
0,42
24,2
1,1
0,864
-132
7,397
99
0,0314
23
0,307
-156
0,44
23,7
1,2
0,864
-137
6,886
95
0,0319
21
0,317
-158
0,46
23,3
1,3
0,864
-142
6,427
91
0,0325
18
0,325
-161
0,48
23,0
1,4
0,864
-147
6,015
88
0,0328
16
0,332
-163
0,50
22,6
1,5
0,864
-151
5,651
84
0,0329
14
0,341
-165
0,53
22,3
1,6
0,864
-155
5,321
81
0,0329
13
0,348
-167
0,55
22,1
1,7
0,864
-159
5,019
78
0,0330
12
0,356
-169
0,58
21,8
1,8
0,864
-162
4,749
75
0,0330
10
0,363
-170
0,61
21,6
1,9
0,864
-165
4,503
72
0,0332
9
0,370
-172
0,64
21,3
2,0
0,864
-168
4,276
69
0,0330
8
0,378
-174
0,67
21,1
2,1
0,864
-170
4,066
67
0,0332
7
0,385
-176
0,70
20,9
2,2
0,864
-173
3,872
64
0,0331
6
0,392
-178
0,73
20,7
2,3
0,864
-175
3,695
62
0,0328
5
0,399
-179
0,77
20,5
2,4
0,864
-177
3,530
60
0,0328
4
0,404
180
0,80
20,3
2,5
0,864
-179
3,380
57
0,0328
3
0,410
179
0,83
20,1
2,6
0,864
179
3,243
55
0,0329
2
0,415
178
0,86
19,9
2,7
0,864
177
3,117
53
0,0328
2
0,421
177
0,90
19,8
2,8
0,864
176
2,998
51
0,0329
1
0,426
176
0,93
19,6
2,9
0,864
174
2,891
49
0,0328
1
0,432
175
0,96
19,5
3,0
0,864
172
2,790
48
0,0327
1
0,436
174
0,99
19,3
3,1
0,865
170
2,695
45
0,0327
1
0,443
173
1,02
19,2
18,3
3,2
0,865
169
2,604
44
0,0327
0
0,447
172
1,05
19,0
17,6
3,3
0,866
167
2,511
42
0,0327
0
0,453
171
1,09
18,9
17,1
3,4
0,866
166
2,429
40
0,0328
0
0,458
170
1,11
18,7
16,7
3,5
0,866
164
2,360
38
0,0327
0
0,464
169
1,14
18,6
16,3
4,0
0,870
156
2,073
29
0,0333
0
0,492
164
1,22
17,9
15,1
4,5
0,874
150
1,831
20
0,0338
0
0,518
157
1,30
17,3
14,1
5,0
0,878
143
1,616
11
0,0352
0
0,548
152
1,33
16,6
13,2
5,5
0,880
138
1,438
3
0,0366
0
0,574
147
1,37
15,9
12,3
6,0
0,882
132
1,294
-5
0,0386
0
0,600
142
1,38
15,3
11,6
6,5
0,882
126
1,180
-13
0,0409
0
0,622
137
1,38
14,6
10,9
7,0
0,882
120
1,078
-21
0,0449
-1
0,641
132
1,35
13,8
10,3
7,5
0,881
114
0,995
-29
0,0488
-2
0,658
127
1,31
13,1
9,8
8,0
0,881
109
0,924
-36
0,0533
-4
0,674
122
1,25
12,4
9,4
8,5
0,881
103
0,859
-44
0,0577
-6
0,690
117
1,20
11,7
9,0
9,0
0,880
98
0,801
-52
0,0622
-10
0,706
113
1,14
11,1
8,8
9,5
0,881
92
0,748
-59
0,0673
-14
0,722
108
1,06
10,5
8,9
10,0
0,882
86
0,699
-66
0,0727
-17
0,737
103
1,00
9,8
10,5
0,883
81
0,655
-73
0,0774
-21
0,753
98
0,93
9,3
11,0
0,883
75
0,616
-80
0,0834
-25
0,767
94
0,86
8,7
11,5
0,883
70
0,582
-86
0,0896
-29
0,781
89
0,81
8,1
12,0
0,882
63
0,552
-92
0,0974
-33
0,790
84
0,78
7,5
12,5
0,876
57
0,529
-98
0,1060
-37
0,795
80
0,77
7,0
13,0
0,868
51
0,509
-104
0,1150
-41
0,798
76
0,78
6,5
13,5
0,857
45
0,499
-109
0,1275
-45
0,797
71
0,78
5,9
14,0
0,846
39
0,495
-116
0,1423
-50
0,795
67
0,76
5,4
14,5
0,832
33
0,494
-122
0,1585
-56
0,792
63
0,74
4,9
15,0
0,815
27
0,496
-128
0,1776
-62
0,787
58
0,72
4,5
15,5
0,794
19
0,500
-133
0,1989
-69
0,781
53
0,72
4,0
16,0
0,769
12
0,510
-138
0,2230
-76
0,773
48
0,73
3,6
16,5
0,745
5
0,522
-144
0,2518
-84
0,766
43
0,70
3,2
17,0
0,729
-2
0,536
-148
0,2794
-90
0,761
39
0,69
2,8
17,5
0,719
-8
0,548
-153
0,3048
-97
0,757
34
0,65
2,5
18,0
0,714
-15
0,559
-157
0,3320
-103
0,753
29
0,63
2,3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com