Electronic Components Datasheet Search
  English  ▼

X  

CLX30 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLX30
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX30 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLX30 Datasheet HTML 1Page - Infineon Technologies AG CLX30 Datasheet HTML 2Page - Infineon Technologies AG CLX30 Datasheet HTML 3Page - Infineon Technologies AG CLX30 Datasheet HTML 4Page - Infineon Technologies AG CLX30 Datasheet HTML 5Page - Infineon Technologies AG CLX30 Datasheet HTML 6Page - Infineon Technologies AG CLX30 Datasheet HTML 7Page - Infineon Technologies AG CLX30 Datasheet HTML 8Page - Infineon Technologies AG CLX30 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLX30
Semiconductor Group
7 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 8 V, ID = 240 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,899
-86
11,750
132
0,0191
44
0,180
-80
0,37
27,9
0,6
0,885
-94
11,070
125
0,0205
40
0,182
-88
0,42
27,3
0,7
0,874
-102
10,327
119
0,0217
36
0,186
-95
0,46
26,8
0,8
0,869
-109
9,708
114
0,0226
33
0,190
-101
0,48
26,3
0,9
0,868
-116
9,069
109
0,0234
30
0,195
-107
0,50
25,9
1,0
0,868
-123
8,435
104
0,0240
26
0,202
-113
0,51
25,5
1,1
0,868
-130
7,851
99
0,0247
24
0,208
-119
0,53
25,0
1,2
0,868
-136
7,320
94
0,0250
21
0,214
-123
0,55
24,7
1,3
0,869
-141
6,840
90
0,0253
19
0,223
-127
0,58
24,3
1,4
0,869
-146
6,409
86
0,0255
17
0,229
-131
0,60
24,0
1,5
0,870
-150
6,022
82
0,0256
15
0,237
-133
0,63
23,7
1,6
0,870
-154
5,670
79
0,0256
13
0,245
-136
0,66
23,4
1,7
0,870
-158
5,349
76
0,0256
12
0,253
-139
0,70
23,2
1,8
0,871
-161
5,057
72
0,0257
11
0,263
-141
0,73
22,9
1,9
0,871
-164
4,790
69
0,0257
10
0,272
-143
0,76
22,7
2,0
0,871
-167
4,545
67
0,0257
10
0,281
-145
0,79
22,5
2,1
0,871
-169
4,319
64
0,0258
9
0,290
-147
0,83
22,2
2,2
0,872
-172
4,112
61
0,0258
9
0,299
-149
0,86
22,0
2,3
0,872
-174
3,922
58
0,0258
9
0,306
-151
0,90
21,8
2,4
0,872
-176
3,746
56
0,0258
9
0,315
-153
0,94
21,6
2,5
0,872
-178
3,588
53
0,0258
9
0,324
-154
0,97
21,4
2,6
0,873
180
3,440
51
0,0259
9
0,333
-156
1,00
21,2
2,7
0,873
178
3,305
48
0,0259
9
0,341
-157
1,03
21,1
20,0
2,8
0,873
176
3,175
46
0,0259
9
0,350
-159
1,06
20,9
19,4
2,9
0,874
174
3,058
44
0,0260
9
0,359
-160
1,09
20,7
18,9
3,0
0,874
173
2,946
42
0,0261
9
0,370
-162
1,11
20,5
18,5
3,1
0,875
171
2,842
39
0,0262
9
0,380
-163
1,14
20,4
18,1
3,2
0,875
170
2,742
37
0,0262
10
0,388
-164
1,16
20,2
17,7
3,3
0,876
168
2,647
35
0,0263
10
0,397
-165
1,19
20,0
17,4
3,4
0,876
166
2,558
33
0,0264
10
0,407
-167
1,21
19,9
17,1
3,5
0,877
165
2,475
31
0,0265
10
0,416
-168
1,23
19,7
16,8
4,0
0,880
157
2,134
20
0,0272
11
0,460
-175
1,30
19,0
15,7
4,5
0,884
150
1,880
10
0,0284
13
0,503
176
1,30
18,2
14,9
5,0
0,889
144
1,639
1
0,0302
14
0,545
169
1,29
17,4
14,1
5,5
0,892
138
1,445
-8
0,0324
15
0,584
163
1,25
16,5
13,5
6,0
0,894
132
1,288
-16
0,0358
15
0,620
157
1,18
15,6
13,0
6,5
0,894
127
1,159
-25
0,0391
15
0,650
152
1,12
14,7
12,6
7,0
0,895
121
1,052
-32
0,0428
14
0,675
146
1,07
13,9
12,2
7,5
0,894
115
0,961
-40
0,0476
12
0,696
140
1,00
13,1
12,7
8,0
0,894
109
0,883
-48
0,0527
9
0,715
134
0,94
12,2
8,5
0,894
104
0,814
-55
0,0584
5
0,734
129
0,86
11,4
9,0
0,895
98
0,752
-62
0,0638
1
0,751
123
0,80
10,7
9,5
0,896
92
0,695
-69
0,0698
-4
0,768
117
0,72
10,0
10,0
0,897
86
0,644
-76
0,0763
-8
0,785
111
0,65
9,3
10,5
0,898
80
0,597
-83
0,0826
-13
0,802
106
0,57
8,6
11,0
0,899
75
0,555
-90
0,0888
-18
0,818
100
0,51
8,0
11,5
0,898
69
0,518
-96
0,0960
-23
0,832
95
0,46
7,3
12,0
0,896
64
0,486
-102
0,1038
-28
0,841
90
0,42
6,7
12,5
0,891
58
0,460
-108
0,1126
-33
0,845
85
0,41
6,1
13,0
0,883
52
0,438
-114
0,1228
-38
0,846
81
0,42
5,5
13,5
0,871
46
0,424
-119
0,1346
-43
0,847
75
0,44
5,0
14,0
0,859
41
0,416
-124
0,1497
-48
0,847
71
0,45
4,4
14,5
0,847
34
0,410
-130
0,1669
-54
0,846
66
0,45
3,9
15,0
0,828
28
0,406
-134
0,1868
-60
0,843
61
0,48
3,4
15,5
0,807
20
0,407
-139
0,2090
-66
0,840
57
0,50
2,9
16,0
0,786
13
0,411
-144
0,2349
-73
0,837
52
0,51
2,4
16,5
0,764
4
0,419
-149
0,2654
-80
0,834
47
0,52
2,0
17,0
0,751
-4
0,427
-153
0,2958
-86
0,831
42
0,53
1,6
17,5
0,747
-12
0,434
-157
0,3251
-91
0,828
37
0,54
1,3
18,0
0,744
-21
0,440
-161
0,3569
-95
0,826
33
0,56
0,9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com