Electronic Components Datasheet Search
  English  ▼

X  

CLX30 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CLX30
Description  HiRel X-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLX30 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CLX30 Datasheet HTML 1Page - Infineon Technologies AG CLX30 Datasheet HTML 2Page - Infineon Technologies AG CLX30 Datasheet HTML 3Page - Infineon Technologies AG CLX30 Datasheet HTML 4Page - Infineon Technologies AG CLX30 Datasheet HTML 5Page - Infineon Technologies AG CLX30 Datasheet HTML 6Page - Infineon Technologies AG CLX30 Datasheet HTML 7Page - Infineon Technologies AG CLX30 Datasheet HTML 8Page - Infineon Technologies AG CLX30 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CLX30
Semiconductor Group
1 of 10
Draft D, September 99
HiRel X-Band GaAs Power-MESFET
• HiRel Discrete and Microwave Semiconductor
• For professional power amplifiers
• For frequencies from 500 MHz to 12.5 GHz
• Hermetically sealed microwave power package
• Low thermal resistance for
high voltage application
• Power added efficiency > 54 %
•
Space Qualification Expected 1998
ESA/SCC Detail Spec. No.: 5614/007,
Type Variant No.s 01 to 03
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Marking
Ordering Code
Pin Configuration
Package
123
CLX30-00 (ql)
CLX30-05 (ql)
CLX30-10 (ql)
-
see below
G
S
D
MWP-25
CLX30-nn: specifies output power level (see electrical characteristics)
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
Q62702L115
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
Q62702L114
(see order instructions for ordering example)


Similar Part No. - CLX30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32-00 INFINEON-CLX32-00 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32-05 INFINEON-CLX32-05 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32-10 INFINEON-CLX32-10 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
More results

Similar Description - CLX30

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
2W X, Ku-BAND POWER GaAs MESFET
logo
Infineon Technologies A...
CFY25 INFINEON-CFY25 Datasheet
2Mb / 8P
HiRel X-Band GaAs Low Noise / General Purpose MESFET
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
HiRel X-Band GaAs Power-MESFET
September 99
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com