Electronic Components Datasheet Search
  English  ▼

X  

L9662TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 18Page - STMicroelectronics L9662TR Datasheet HTML 19Page - STMicroelectronics L9662TR Datasheet HTML 20Page - STMicroelectronics L9662TR Datasheet HTML 21Page - STMicroelectronics L9662TR Datasheet HTML 22Page - STMicroelectronics L9662TR Datasheet HTML 23Page - STMicroelectronics L9662TR Datasheet HTML 24Page - STMicroelectronics L9662TR Datasheet HTML 25Page - STMicroelectronics L9662TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
Electrical specifications
L9662
22/80
DocID028325 Rev 1
tFlt _BATT
Output fault filter for short
to battery
V(ICHX)-VSATS>50mV
12
-
16
μs
tFlt _GND
Output fault filter for short
to ground
I_sensor>I_lim
300
-
360
μs
Receive Mode
VICHx
Output voltage on pin
ICHx (x = 1…4)
IICHx= [0…50mA];
7V
 VSATS  14V
VSAT-1
-
VSAT
V
SYNC Mode and High Voltage mode
VICHx_HV
Output voltage during
High Voltage Mode and
SYNC Mode High time
7V
 VSATS  14V (VSATS+6V) 
VSYNC
 25V IICHx = 50mA
VICHx
+4
-
VICHx
+8
V
VREG_DO
Regulator Drop Out
voltage
IICHx = 50mA
-
-
2.5
V
tSYNCDLY
Delay time from rising
edge of INITSYNC pin to
sync pulse voltage active
Measured from INITSYNC pin
rising edge to 5% of VHV
All Channels
2.7
-
6.6
μs
tSYNC_high1 SYNC pulse high time
-
-7%
20
+ 7%
μs
tSYNC_dlyhigh1
Total delay time from
INITSYNC to sync pulse
falling edge
MCR D9:D8=”00”
Measured from INITSYNC pin
rising edge to 90% of sync
pulse falling edge (V ICHx_HV -
V ICHx idle)
All Channels using default slew
rate
20.3
-
28
μs
tSYNC_high2 SYNC pulse high time
-
-7%
30
+ 7%
μs
tSYNC_high3
SYNC pulse high time
data “0” pulse width (High
voltage mode)
-
-7%
40
+ 7%
μs
tSYNC_high4
SYNC pulse high time
data “1” pulse width (High
voltage mode)
-
-7%
80
+ 7%
μs
tRECV_disable Receiver disable time
MCR bit D2=0
-7%
62
+ 7%
μs
MCR bit D2=1
-7%
tSYNC_hi
ghx
typ +
20μs
+ 7%
μs
triseslewrate
High Voltage rise slew rate
for ICHx
MCR bit D3=0
0.9
-
2
V/μs
MCR bit D3=1
0.43
-
1.5
tfallslewrate
High Voltage fall slew rate
for ICHx
MCR bit D3=0
0.9
-
2
V/μs
MCR bit D3=1
0.43
-
1.5
Table 8. Satellite interface - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com