Electronic Components Datasheet Search
  English  ▼

X  

L9662TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 23Page - STMicroelectronics L9662TR Datasheet HTML 24Page - STMicroelectronics L9662TR Datasheet HTML 25Page - STMicroelectronics L9662TR Datasheet HTML 26Page - STMicroelectronics L9662TR Datasheet HTML 27Page - STMicroelectronics L9662TR Datasheet HTML 28Page - STMicroelectronics L9662TR Datasheet HTML 29Page - STMicroelectronics L9662TR Datasheet HTML 30Page - STMicroelectronics L9662TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
DocID028325 Rev 1
27/80
L9662
Functional description
79
3.2.3
Reference resistor
IREF pin shall be connected to VDD supply through a resistor, RIREF. When the device
detects the resistor on IREF pin is larger than RIREF_H or smaller than RIREF_L, it goes
into a reset condition. All outputs are disabled and all internal registers are reset to their
default conditions.
3.2.4
Loss of ground
GND
When the GND pin is disconnected from PC-board ground, the ASIC goes in reset
condition. All outputs are disabled and all internal registers are reset to their default
conditions.
GND0-GND7
A loss of power-ground (GND0 – GND7) pin/s disables the respective low side driver/s on
SQLx. However, the high side driver of the respective channel will still be able to be turned
on. Thus under the scenario where the low side is shorted to ground the device will be able
to provide the programmed firing current for the specified time.
An open GNDx connection on any channel has no affect on the other channels. An open
GNDx condition will be detected using the low side MOS diagnostics.
AGND
The AGND pin is a reference for AOUT pin. When AGND loses its connection, the voltage
on AOUT pin is pulled up to VDD voltage. The rest of functionality and parametric is not
affected by a loss of AGND condition.
3.2.5
VRESx capacitance
To ensure all diagnostics function properly a typical capacitor of equal to or greater than
68nF is required for every 4 VRESx pins and located close to the supply pins. Thus a
capacitor will be placed close to the VRES0, 1,2, and 3 pins and a second capacitor will be
close to the VRES4, 5,6, and 7 pins.
3.2.6
Supply voltages
The primary current sources for the different functions of the ASIC are as follows:
VRESx - Firing currents along with HSS and HS FET diagnostic currents
VSDIAG - Squib resistance and HSS diagnostics
VSATS - Voltage and current necessary for satellite operation excluding period during
sync pulse
VSYNC - Sync pulse voltage
VDD will be used for all internal functions as well as short to battery/ground and high
squib resistance diagnostics.
3.2.7
Ground connections
The GND pins (6, 38, and 45) are all common internal to the ASIC. A ground plane is
needed to directly connect the GND pins together so that low impedance is maintained
between the two pins. This ground plane needs to be isolated from the high current ground
for the squib drivers to prevent voltage shifts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com