Electronic Components Datasheet Search
  English  ▼

X  

L9662TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 33Page - STMicroelectronics L9662TR Datasheet HTML 34Page - STMicroelectronics L9662TR Datasheet HTML 35Page - STMicroelectronics L9662TR Datasheet HTML 36Page - STMicroelectronics L9662TR Datasheet HTML 37Page - STMicroelectronics L9662TR Datasheet HTML 38Page - STMicroelectronics L9662TR Datasheet HTML 39Page - STMicroelectronics L9662TR Datasheet HTML 40Page - STMicroelectronics L9662TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
DocID028325 Rev 1
37/80
L9662
Functional description
79
High squib resistance diagnostics
During a high squib resistance diagnostic, VRCM and ISINK are switched ON and
connected to SQHx and SQLx on the selected channel. Current flowing on SQHx will be
measured and compared to IHR threshold to identify if resistance is above or below
RSQHZ. The results shall be reported in the next SPI message. Once the command is
issued the state of the squib resistance shall be valid after THSR captured on the next
falling edge of CS_D. The voltage source for this test will be VBIAS which is based on the
VDD supply.
High and low side FET diagnostics
Prior to either the HS or LS FET diagnostics being run it is required to have the VRCM
switched ON. Running the leakage diagnostics with the appropriate delay time prior to either
the HS or LS FET diagnostics will precondition the squib pin to the appropriate voltage level.
When the FET diagnostic command is issued the flags will initially be cleared. Once this is
complete there is a check to determine if the VRCM is not active or some leakage is
present. If either of these conditions are present then the MOS will not be turned ON, the
test will be aborted and the Fault Present (FP) bit will be set. The FEN function must be
inactive for the channel under test in order to be able to run the test. The test will not start if
FEN function is active on the channel under test and will result in the FP bit to be set.
If no leakage is present and FEN function is inactive, the MOS (High side or Low Side) is
turned ON.
The device shall monitor the current sink or sourced by VRCM. If the MOS is working
properly, this current will exceed ISTB (HS test) or ISTG (LS test) and the device shall turn
off the driver under test within the specified time TSHUTOFF. If the current does not exceed
ISTB or ISTG then the test will be terminated and the MOS will be switched off by the ASIC
within TFETTIMEOUT. During the TFETTIMEOUT period the FET Timeout bit will be set
(FT=1) and will be cleared at the expiration of the timer.
The results must be compared with the leakage diagnostic results to distinguish between a
real leakage/short versus a FET fault. For high side FET diagnostics if no faults were
indicated in the preceding leakage diagnostics then a normal result would be STB = 1;
STG = 0 (with FT = 0; FP = 0). If the returned results for the high side FET test is not
STB = 1; STG = 0 (with FT = 0; FP = 0) then either the FET is not functional, a short
occurred during the test, or there is a missing VRESx connection for that channel. For low
side FET diagnostics if no faults were indicated in the preceding leakage diagnostics then a
normal result would be STB = 0; STG = 1 (with FT = 0; FP = 0). If the returned results for the
low side FET test is not STB = 0; STG = 1 (with FT = 0; FP = 0) then either the FET is not
functional, a short occurred during the test, or there is a missing GNDx connection for that
channel.
On the next falling edge of CS_D, comparator results are latched and reported in the MISO
response. The results will remain latched until the next test is initiated (diagnostic write
command). If the test is in progress then a bit is used in the response to indicate the test
completion. If the FET under test is working properly then the results shall indicate a “Short
to Ground” for LS test and “Short to Battery” for HS test.
For all conditions the current on SQHx/SQLx will never exceed ISVRCM. On the squib lines
there will be higher transient currents due to the presence of the filter capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com