Electronic Components Datasheet Search
  English  ▼

X  

L9662TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 19Page - STMicroelectronics L9662TR Datasheet HTML 20Page - STMicroelectronics L9662TR Datasheet HTML 21Page - STMicroelectronics L9662TR Datasheet HTML 22Page - STMicroelectronics L9662TR Datasheet HTML 23Page - STMicroelectronics L9662TR Datasheet HTML 24Page - STMicroelectronics L9662TR Datasheet HTML 25Page - STMicroelectronics L9662TR Datasheet HTML 26Page - STMicroelectronics L9662TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
DocID028325 Rev 1
23/80
L9662
Electrical specifications
79
Figure 3. Sync pulse diagram
tHVILIMDLY
HV current limit active
time following tSYNC_highx
Guaranteed by design
-
-
12
μs
CICHX
Capacitance on satellite
output for stability (per pin)
ICHx pin to CICHX  70nH;
10
-
47
nF
INITSYNC input
VINITSYNCLO
Input low voltage
threshold
-
0
-
0.8
V
VINITSYNCHI
Input high voltage
threshold
-
2.0
-
1.0 x
VDD
V
IISPD
Input pulldown
current INITSYNC
VIN = VIL to VDD
10
-
50
A
TINITSYNCFLT Minimum pulse width
-
1.7
-
2.1
s
Table 8. Satellite interface - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com