Electronic Components Datasheet Search
  English  ▼

X  

L9662TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 36Page - STMicroelectronics L9662TR Datasheet HTML 37Page - STMicroelectronics L9662TR Datasheet HTML 38Page - STMicroelectronics L9662TR Datasheet HTML 39Page - STMicroelectronics L9662TR Datasheet HTML 40Page - STMicroelectronics L9662TR Datasheet HTML 41Page - STMicroelectronics L9662TR Datasheet HTML 42Page - STMicroelectronics L9662TR Datasheet HTML 43Page - STMicroelectronics L9662TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
Functional description
L9662
40/80
DocID028325 Rev 1
Both the satellite and squib circuits can be reset over when sending the appropriate
configuration commands via SPI1.
Configuration commands
Configuration mode 1
Configuration mode 1 main functions are as follows:
Set Deployment current for all channels. All channels will be either set to 1.2 A/2 ms,
1.5 A/2 ms (Maximum VRESx Voltage limited to 25 V) 1.75 A/1 ms or 1.75 A/0.65 ms
Perform a software reset
The SPI message definition for MOSI commands and MISO responses in this mode are
defined below.
Table 16. Command description summary
Command/mode
Description
Mode bits
D15 D14 D13 D12 D11 D10 D09 D08 D07 - D00
Configuration commands
Config. Mode 1
Current limit programming and
software reset
00
P
-
-
0
-
-
-
Config. Mode 2
FEN latch time Programming
0
0
P
-
-
1
-
-
-
Deployment commands
Deployment Mode 1 Arming Command
0
1
P
1
1
0
0
1
-
Deployment Mode 2 Firing Command
0
1
P
0
0
0
0
0
-
Diagnostic commands
Diagnostic Mode 1
Disable Diagnostic
1
0
P
-
0
0
0
-
-
Diagnostic Mode 2
Short to battery & ground
diagnostics Short between loop
diagnostics
10
P
-
001
-
-
Diagnostic Mode 3
VRESx voltage diagnostics
1
0
P
-
0
1
0
-
-
Diagnostic Mode 4
High Side Safing diagnostics
1
0
P
-
0
1
1
-
-
Diagnostic Mode 5
Squib Resistance Diagnostics
1
0
P
-
1
0
0
-
-
Diagnostic Mode 6
High Squib Resistance Diagnostics
1
0
P
-
1
0
1
-
-
Diagnostic Mode 7
LS driver diagnostics
1
0
P
-
1
1
0
-
-
Diagnostic Mode 8
HS driver diagnostics
1
0
P
-
1
1
1
-
-
Monitor commands
Monitor Mode 1
Deployment status
1
1
P
-
0
0
-
-
-
Monitor Mode 2
Channel current limit measurement
information
11
P
-
01
-
-
-
Monitor Mode 3
FENx function status and active
current limit status
11
P
-
10
-
-
-
Monitor Mode 4
Revision and device ID
1
1
P
-
1
1
-
-
-
P = Parity bit – all commands and responses will use this bit to achieve odd parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com