Electronic Components Datasheet Search
  English  ▼

X  

PTF080451 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
4 of 9
2004-06-24
PTF080451
Typical Performance (cont.)
All published data at TCASE = 25°C unless otherwise indicated.
Power Sweep
VDD = 28 V, f = 960 MHz
16.5
17.0
17.5
18.0
18.5
19.0
19.5
30
34
38
42
46
50
Output Power (dBm)
I
DQ = 560 mA
I
DQ = 340 mA
I
DQ = 450 mA
Gain & Efficiency vs. Output Power
VDD = 28 V, IDQ = 450 mA, f = 960 MHz
14
15
16
17
18
19
20
21
30
35
40
45
50
Output Power (dBm)
0
10
20
30
40
50
60
70
Efficiency
Gain
Output Power (at 1 dB Compression)
vs. Supply Voltage
IDQ = 450 mA, f = 960 MHz
46.5
47.0
47.5
48.0
48.5
49.0
49.5
24
26
28
30
32
Supply Voltage (V)
IS-95 CDMA Performance
VDD = 28 V, IDQ = 450 mA, f = 880 MHz
0
8
16
24
32
40
48
56
36
38
40
42
Output Power (dBm), Avg.
-75
-70
-65
-60
-55
-50
-45
-40
Efficiency
ACP F
C – 0.75 MHz
ACPR F
C + 1.98 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com