Electronic Components Datasheet Search
  English  ▼

X  

PTF080451 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
1 of 9
2004-06-24
PTF080451
LDMOS RF Power Field Effect Transistor
45 W, 869–960 MHz
Features
•
Broadband internal matching
•
Typical EDGE performance
- Average output power = 22.5 W
- Gain = 18 dB
- Efficiency = 40%
•
Typical CW performance
- Output power at P–1dB = 60 W
- Gain = 17 dB
- Efficiency = 60%
•
Integrated ESD protection: Human Body
Model, Class 1 (minimum)
•
Excellent thermal stability
•
Low HCI drift
•
Capable of handling 10:1 VSWR @ 28 V,
45 W (CW) output power
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Description
The PTF080451 is a 45 W, internally matched GOLDMOS FET intended
for EDGE and CDMA applications in the 860 to 960 MHz band. Full gold
metallization ensures excellent device lifetime and reliability.
PTF080451E
Package 30265
RF Characteristics at TCASE = 25°C unless otherwise indicated
EDGE Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 28 V, IDQ = 450 mA, POUT = 22.5 W, f = 959.8 MHz
Characteristic
Symbol
Min
Typ
Max
Units
Error Vector Magnitude
EVM (RMS)
—
2.0
—
%
Modulation Spectrum @ 400 kHz
ACPR
—
–62
—
dBc
Modulation Spectrum @ 600 kHz
ACPR
—
–76
—
dBc
Gain
Gps
—
18
—
dB
Drain Efficiency
η
D
—
40
—
%
Two–Tone Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ = 450 mA, POUT = 45 W PEP, f = 960 MHz, tone spacing = 1 MHz
Characteristic
Symbol
Min
Typ
Max
Units
Gain
Gps
17
18
—
dB
Drain Efficiency
η
D
40
42
—
%
Intermodulation Distortion
IMD
—
–32
–30
dBc
EDGE Modulation Spectrum Performance
VDD = 28 V, IDQ = 450 mA, f = 959.8 MHz
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
36
38
40
42
44
46
48
50
Output Power (dBm)
10
15
20
25
30
35
40
45
50
55
Efficiency
400 kHz
600 kHz


Similar Part No. - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
More results

Similar Description - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
Tyco Electronics
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
logo
Infineon Technologies A...
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com