Electronic Components Datasheet Search
  English  ▼

X  

PTF080451 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
5 of 9
2004-06-24
PTF080451
Typical Performance (cont.)
All published data at TCASE = 25°C unless otherwise indicated.
Three-Carrier CDMA 2000 Performance
VDD = 28 V, IDQ = 450 mA, f = 880 MHz
15
20
25
30
35
40
45
50
55
36
37
38
39
40
41
42
43
44
45
Output Power (dBm), PEP
-65
-62
-59
-56
-53
-50
-47
-44
-41
ACP Low
ACP Up
ALT Up
Efficiency
Bias Voltage vs. Temperature
Voltage normalized to typical gate voltage.
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-20
0
20
40
60
80
100
Case Temperature (ºC)
0.75 A
1.50 A
2.25 A
3.00 A
3.75 A
4.50 A
Broadband Circuit Impedance
0.1
860 MHz
860 MHz
980 MHz
980 MHz
Z Load
Z Source
Z0 = 50 Ω
Frequency
Z Source
Ω
Z Load
Ω
MHz
R
jX
R
jX
860
8.20
-1.70
3.00
0.70
920
8.30
-0.12
3.10
1.60
940
8.40
0.38
3.10
1.90
960
8.50
0.85
3.20
2.20
980
8.70
1.40
3.20
2.40
Z Source
Z Load
G
S
D
Series show current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com